Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF3205S Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRF3205S Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRF3205S
Download  IRF3205S Download
File Size   505.03 Kbytes
Page   4 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-Ch 60V Fast Switching MOSFETs

IRF3205S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF3205S Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF3205S
Download  IRF3205S Click to download

File Size   505.03 Kbytes
Page   4 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-Ch 60V Fast Switching MOSFETs

IRF3205S Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRF3205S Product details

Super Low Gate Charge
100% EAS Guaranteed
Green Device Available
Excellent CdV/dt effect decline
Advanced high cell density Trench technology




Similar Part No. - IRF3205S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
609Kb / 10P
HEXFET Power MOSFET
IRF3205S IRF-IRF3205S Datasheet
618Kb / 11P
Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF3205S KERSEMI-IRF3205S Datasheet
1Mb / 10P
Advanced Process Technology
logo
Inchange Semiconductor ...
IRF3205S ISC-IRF3205S Datasheet
266Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - IRF3205S

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD6006 XINDEYI-UD6006 Datasheet
677Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UM6004 XINDEYI-UM6004 Datasheet
860Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM6016 UNITPOWER-UM6016 Datasheet
748Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UD6006 UNITPOWER-UD6006 Datasheet
677Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UI6008 UNITPOWER-UI6008 Datasheet
731Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
uPI Group Inc.
QM6006D UPI-QM6006D Datasheet
237Kb / 4P
N-Ch 60V Fast Switching MOSFETs
QM6008G UPI-QM6008G Datasheet
229Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA6048 FETEK-FKBA6048 Datasheet
469Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : B
FKBA6054 FETEK-FKBA6054 Datasheet
492Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBB6058 FETEK-FKBB6058 Datasheet
516Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com