Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF5305S Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRF5305S Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRF5305S
Download  IRF5305S Download
File Size   3580.41 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -55V P-Channel MOSFET

IRF5305S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF5305S Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF5305S
Download  IRF5305S Click to download

File Size   3580.41 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -55V P-Channel MOSFET

IRF5305S Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRF5305S Product details

Features
VDS (V) =-55V
ID = -31A (VGS = -10V)
RDS(ON) < 60mΩ (VGS = -10V)




Similar Part No. - IRF5305S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5305S IRF-IRF5305S Datasheet
171Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRF5305S IRF-IRF5305S Datasheet
706Kb / 11P
Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
logo
Inchange Semiconductor ...
IRF5305S ISC-IRF5305S Datasheet
297Kb / 2P
isc P-Channel MOSFET Transistor
logo
International Rectifier
IRF5305SLPBF IRF-IRF5305SLPBF Datasheet
706Kb / 11P
Advanced Process Technology
More results


Similar Description - IRF5305S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF9Z24 UTC-UF9Z24 Datasheet
155Kb / 3P
12A, 55V P-CHANNEL POWER MOSFET
UF5305 UTC-UF5305 Datasheet
195Kb / 6P
-31A, -55V P-CHANNEL POWER MOSFET
UF9Z34 UTC-UF9Z34 Datasheet
183Kb / 6P
-17A, -55V P-CHANNEL POWER MOSFET
logo
GOOD-ARK Electronics
SSF5508 GOOD-ARK-SSF5508_15 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5508 GOOD-ARK-SSF5508 Datasheet
1Mb / 7P
55V N-Channel MOSFET
SSF5508A GOOD-ARK-SSF5508A Datasheet
717Kb / 6P
55V N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRFR2405TR UMW-IRFR2405TR Datasheet
460Kb / 7P
55V N -Channel MOSFET
IRF4905 UMW-IRF4905 Datasheet
554Kb / 8P
-55V P-Channel MOSFET
IRF5305STRL UMW-IRF5305STRL Datasheet
1Mb / 8P
-55V P-Channel MOSFET
IRF9Z24N UMW-IRF9Z24N Datasheet
550Kb / 8P
-55V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com