Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

331KD10NX Datasheet (PDF) - Micro Commercial Components

331KD10NX Datasheet PDF - Micro Commercial Components
Part # 331KD10NX
Download  331KD10NX Download
File Size   119.44 Kbytes
Page   6 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 6 to 680 Volts Varistor 2.0 to 124.0 Joule

331KD10NX Datasheet (PDF)

Go To PDF Page Download Datasheet
331KD10NX Datasheet PDF - Micro Commercial Components

Part # 331KD10NX
Download  331KD10NX Click to download

File Size   119.44 Kbytes
Page   6 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 6 to 680 Volts Varistor 2.0 to 124.0 Joule

331KD10NX Datasheet (HTML) - Micro Commercial Components


331KD10NX Product details

Features
• Radial-Lead Varistor
• Designed to be Operated Continuously Across AC Power Lines
• No Derating Up to 85 Ambient
• Available in Tape and Reel or Bulk Pack

Maximum Ratings
• Operating Ambient Temperature Range: -55 to +85
• Storage Temperature Range: -55 to +125
• Temperature Coefficient (V) of Clamping Voltage (VC) at Specified Test Current:<0.05%/℃
• UL Recognized File # E306895(UL1449) and E306942(UL1414)




Similar Part No. - 331KD10NX

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
331KD10 YAGEO-331KD10 Datasheet
773Kb / 17P
Metal Oxide Varistors (MOV)
Nov. 08, 2024 V.0
331KD10J YAGEO-331KD10J Datasheet
773Kb / 17P
Metal Oxide Varistors (MOV)
Nov. 08, 2024 V.0
331KD10J-X4.5 YAGEO-331KD10J-X4.5 Datasheet
800Kb / 14P
Metal Oxide Varistor:10D-X4.5
logo
Micro Commercial Compon...
331KD10JX MCC-331KD10JX Datasheet
117Kb / 6P
11 to 1000 Volts Varistor 2.6 to 247Joule
More results


Similar Description - 331KD10NX

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
182KD10JX MCC-182KD10JX Datasheet
117Kb / 6P
11 to 1000 Volts Varistor 2.6 to 247Joule
182KD14JX MCC-182KD14JX Datasheet
117Kb / 6P
11 to 1000 Volts Varistor 5.2 to 510 Joule
182KD14NX MCC-182KD14NX Datasheet
611Kb / 5P
7 to 1000 Volts Varistor 4.2 to 336.0 Joule
182KD20JX MCC-182KD20JX Datasheet
117Kb / 6P
11 to 1000 Volts Varistor 13 to 1020 Joule
182KD20NX MCC-182KD20NX Datasheet
119Kb / 6P
11 to 1000 Volts Varistor 7.0 to 695.0 Joule
182KD25NX MCC-182KD25NX Datasheet
480Kb / 2P
130 to 1000 Volts Varistor 155 to 1100 Joule
751KD05JX MCC-751KD05JX Datasheet
134Kb / 6P
11 to 460 Volts Varistor 0.7 to 29 Joule
751KD05NX MCC-751KD05NX Datasheet
114Kb / 6P
4 to 460 Volts Varistor 0.20 to 22.5 Joule
821KD07JX MCC-821KD07JX Datasheet
113Kb / 6P
11 to 510 Volts 1.5 to 60 Joule
821KD07NX MCC-821KD07NX Datasheet
125Kb / 6P
4 to 510 Volts Varistor 0.8 to 47 Joule
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com