Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC145012P Datasheet (PDF) - Freescale Semiconductor, Inc

MC145012P Datasheet PDF - Freescale Semiconductor, Inc
Part # MC145012P
Download  MC145012P Download
File Size   383.52 Kbytes
Page   14 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver

MC145012P Datasheet (PDF)

Go To PDF Page Download Datasheet
MC145012P Datasheet PDF - Freescale Semiconductor, Inc

Part # MC145012P
Download  MC145012P Click to download

File Size   383.52 Kbytes
Page   14 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver

MC145012P Datasheet (HTML) - Freescale Semiconductor, Inc


MC145012P Product details

Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver

The CMOS MC145012 is an advanced smoke detector component containing sophisticated very-low-power analog and digital circuitry. The IC is used with an infrared photoelectric chamber. Detection is accomplished by sensing scattered light from minute smoke particles or other aerosols. When detection occurs, a pulsating alarm is sounded via on-chip push-pull drivers and an external piezoelectric transducer.

Features
• Circuit is designed to operate in smoke detector systems that comply with UL217 and UL268 Specifications
• Operating Voltage Range: 6.0 V to 12 V, Average Supply Current: 8 µA
• Operating Temperature Range: -10 to 60°C
• I/O Pin Allows Units to be Interconnected for Common Signalling
• Power-On Reset Places IC in Standby Mode (Non-Alarm State)
• Electrostatic Discharge (ESD) and Latch Up Protection Circuitry on All Pins
• Chip Complexity: 2000 FETs, 12 NPNs, 16 Resistors, and 10 Capacitors
• Supports NFPA 72, ANSI S3.41, and ISO 8201 Audible Emergency Evacuation Signals
• Ideal for battery-powered applications
• Pb-Free Packaging Designated by Suffix Codes ED and EG




Similar Part No. - MC145012P

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC145012P FREESCALE-MC145012P Datasheet
384Kb / 14P
Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
More results


Similar Description - MC145012P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145018 MOTOROLA-MC145018 Datasheet
263Kb / 8P
LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT AND TEMPORAL HORN DRIVER
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017 Datasheet
225Kb / 8P
Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR IC
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR IC
logo
Freescale Semiconductor...
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
Photoelectric Smoke Detector IC with I/O
MC145011 FREESCALE-MC145011 Datasheet
266Kb / 12P
Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
MC145017 FREESCALE-MC145017_07 Datasheet
267Kb / 10P
Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
MC145012EG FREESCALE-MC145012EG Datasheet
384Kb / 14P
Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
Photoelectric Smoke Detector AFE IC
Jun 27, 2022
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com