Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPTR3190 Datasheet (PDF) - List of Unclassifed Manufacturers

GPTR3190 Datasheet PDF - List of Unclassifed Manufacturers
Part # GPTR3190
Download  GPTR3190 Download
File Size   122.06 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description PHASE CONTROLLED SCR

GPTR3190 Datasheet (PDF)

Go To PDF Page Download Datasheet
GPTR3190 Datasheet PDF - List of Unclassifed Manufacturers

Part # GPTR3190
Download  GPTR3190 Click to download

File Size   122.06 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description PHASE CONTROLLED SCR

GPTR3190 Datasheet (HTML) - List of Unclassifed Manufacturers


GPTR3190 Product details

[Green-Power]

PHASE CONTROLLED SCR

High reliability operation
DC power supply
AC drives

VOLTAGE UP TO 2400 V
AVERAGE CURRENT 1900 A
SURGE CURRENT 22 kA




Similar Part No. - GPTR3190

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GPTR3190 GPSEMI-GPTR3190 Datasheet
116Kb / 2P
PHASE CONTROLLED SCR
More results


Similar Description - GPTR3190

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GETG0105 GPSEMI-GETG0105 Datasheet
114Kb / 2P
PHASE CONTROLLED SCR
GETG0130 GPSEMI-GETG0130 Datasheet
115Kb / 2P
PHASE CONTROLLED SCR
GETG2043 GPSEMI-GETG2043 Datasheet
116Kb / 2P
PHASE CONTROLLED SCR
GPTG2072 GPSEMI-GPTG2072 Datasheet
159Kb / 2P
PHASE CONTROLLED SCR
GPTK1155 GPSEMI-GPTK1155 Datasheet
124Kb / 2P
PHASE CONTROLLED SCR
GPTN2115 GPSEMI-GPTN2115 Datasheet
301Kb / 2P
PHASE CONTROLLED SCR
GPTN5061 GPSEMI-GPTN5061 Datasheet
301Kb / 2P
PHASE CONTROLLED SCR
GPTP2190 GPSEMI-GPTP2190 Datasheet
122Kb / 2P
PHASE CONTROLLED SCR
GPTP3180 GPSEMI-GPTP3180 Datasheet
121Kb / 2P
PHASE CONTROLLED SCR
GPTR1300 GPSEMI-GPTR1300 Datasheet
115Kb / 2P
PHASE CONTROLLED SCR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com