Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP56004 Datasheet (PDF) - Infineon Technologies AG

AP56004 Datasheet PDF - Infineon Technologies AG
Part # AP56004
Download  AP56004 Download
File Size   1289.77 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description DAP miniWiggler V3

AP56004 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP56004 Datasheet PDF - Infineon Technologies AG

Part # AP56004
Download  AP56004 Click to download

File Size   1289.77 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description DAP miniWiggler V3

AP56004 Datasheet (HTML) - Infineon Technologies AG


AP56004 Product details

Features
Clock rate up to 30 MHz (programmable)
All signals are 5.5V, scaling down to 1.65V
USB 2.0 (high-speed)
Certified drivers for Microsoft Windows XP, VISTA, 7, and 8
USB, JTAG and DAP/SPD hotplug and unplug
3 on-board status LED
Support for Automotive 20-pin JTAG on 10-pin DAP connectors
Connector for frontend extensions (e.g. for galvanic isolation) added




Similar Part No. - AP56004

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AP56004 INFINEON-AP56004 Datasheet
1Mb / 13P
DAP miniWiggler V3
V1.0 2013-07
More results


Similar Description - AP56004

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N4850A HP-N4850A Datasheet
1Mb / 20P
DigRF v3 Acquisition Probe
logo
NXP Semiconductors
OM13085 PHILIPS-OM13085 Datasheet
352Kb / 1P
LPCXpresso board for LPC1769 with CMSIS DAP probe
7 Dec 2015
logo
Everlight Electronics C...
GXUAN EVERLIGHT-GXUAN Datasheet
924Kb / 21P
36V/13W V3 series
GXUAN EVERLIGHT-GXUAN_17 Datasheet
587Kb / 21P
3163V1/130W V3 series
GXUAN1313 EVERLIGHT-GXUAN1313 Datasheet
925Kb / 21P
36V/6W V3 series
GXUAN1919 EVERLIGHT-GXUAN1919_17 Datasheet
930Kb / 22P
36V/19W V3 series
GXUAN1919_17 EVERLIGHT-GXUAN1919_17_03 Datasheet
929Kb / 22P
36V/16W V3 series
logo
New Jersey Semi-Conduct...
DAN NJSEMI-DAN Datasheet
446Kb / 1P
DAN & DAP Networks
logo
SparkFun Electronics
DEV-11953 SPARKFUN-DEV-11953 Datasheet
109Kb / 2P
Mojo v3 FPGA Development Board
11/10/2015
logo
Infineon Technologies A...
AP56004 INFINEON-AP56004 Datasheet
1Mb / 13P
DAP miniWiggler V3
V1.0 2013-07
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com