Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1401131 Datasheet (PDF) - PHOENIX CONTACT

1401131 Datasheet PDF - PHOENIX CONTACT
Part # 1401131
Download  1401131 Download
File Size   390.57 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P- 3,0-PUR/A-1L-R-ES 4A - Sensor/actuator cable

1401131 Datasheet (PDF)

Go To PDF Page Download Datasheet
1401131 Datasheet PDF - PHOENIX CONTACT

Part # 1401131
Download  1401131 Click to download

File Size   390.57 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P- 3,0-PUR/A-1L-R-ES 4A - Sensor/actuator cable

1401131 Datasheet (HTML) - PHOENIX CONTACT


1401131 Product details

Sensor/actuator cable, 3-position, PUR halogen-free, black-gray RAL 7021, free cable end, on
Valve connector A, with 1 LED, Wiring: Freewheeling diode with holding current limiting device,
cable length: 3 m, with holding current limiting device for energy reduction




Similar Part No. - 1401131

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1401132 PHOENIX-1401132 Datasheet
46Kb / 2P
Insertion bridge - EB 10- 5
1401136 PHOENIX-1401136 Datasheet
390Kb / 8P
SAC-3P- 5,0-PUR/A-1L-R-ES 4A - Sensor/actuator cable
More results


Similar Description - 1401131

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400588 PHOENIX-1400588 Datasheet
109Kb / 8P
Sensor/Actuator cable - SAC-3P-3,0-PUR/A-1L-R
1400694 PHOENIX-1400694 Datasheet
95Kb / 5P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/A-1L-V 230V
1415917 PHOENIX-1415917 Datasheet
83Kb / 4P
Sensor/Actuator cable - SAC-3P-3,0-PVC/A-1L-R
1434992 PHOENIX-1434992 Datasheet
107Kb / 7P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/A-1L-Z
1435399 PHOENIX-1435399 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/B-1L-Z
1439366 PHOENIX-1439366 Datasheet
43Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MR/3,0-PUR/A-1L-Z
1439667 PHOENIX-1439667 Datasheet
91Kb / 4P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/A-1L-Z 110V
1443116 PHOENIX-1443116 Datasheet
95Kb / 5P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/A-1L-V
1669301 PHOENIX-1669301 Datasheet
70Kb / 5P
Sensor/Actuator cable - SAC-3P-M12MR/3,0-PUR/A-1L-S
1698220 PHOENIX-1698220 Datasheet
60Kb / 3P
Sensor/Actuator cable - SAC-3P- 3,0-PUR/A-1L-S 110V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com