Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1412167 Datasheet (PDF) - PHOENIX CONTACT

1412167 Datasheet PDF - PHOENIX CONTACT
Part # 1412167
Download  1412167 Download
File Size   1069.29 Kbytes
Page   40 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-FS SCO RAIL/.../... - Sensor/actuator cable

1412167 Datasheet (PDF)

Go To PDF Page Download Datasheet
1412167 Datasheet PDF - PHOENIX CONTACT

Part # 1412167
Download  1412167 Click to download

File Size   1069.29 Kbytes
Page   40 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-FS SCO RAIL/.../... - Sensor/actuator cable

1412167 Datasheet (HTML) - PHOENIX CONTACT


1412167 Product details

Sensor/actuator cable, 4-position, shielded, free cable end, on Socket straight M12 SPEEDCON,
coding: A, cable length: Free input (0.2 ... 40.0 m), For railway applications

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Securely locked by special vibration brake
• Resistant to temperature influences – tested for an extended temperature range and for resistance to temperature shocks
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1412167

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1412160 PHOENIX-1412160 Datasheet
1,005Kb / 39P
SAC-2P-MR SCO RAIL/.../... - Sensor/actuator cable
1412168 PHOENIX-1412168 Datasheet
1Mb / 39P
SAC-4P-FR SCO RAIL/.../... - Sensor/actuator cable
1412169 PHOENIX-1412169 Datasheet
1Mb / 40P
SAC-4P-MS SCO RAIL/.../... - Sensor/actuator cable
More results


Similar Description - 1412167

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1417890 PHOENIX-1417890 Datasheet
111Kb / 6P
Sensor/Actuator cable - SAC-4P-MS/ 3,0-542/ FS SCO BK
1417891 PHOENIX-1417891 Datasheet
111Kb / 6P
Sensor/Actuator cable - SAC-4P-MS/ 5,0-542/ FS SCO BK
1417892 PHOENIX-1417892 Datasheet
108Kb / 5P
Sensor/Actuator cable - SAC-4P-MS/10,0-542/ FS SCO BK
1417894 PHOENIX-1417894 Datasheet
107Kb / 5P
Sensor/Actuator cable - SAC-4P-MS/20,0-542/ FS SCO BK
1417966 PHOENIX-1417966 Datasheet
103Kb / 5P
Sensor/Actuator cable - SAC-4P-15,0-542/ FS SCO BK
1425115 PHOENIX-1425115 Datasheet
130Kb / 9P
Sensor/actuator cable - SAC-4P-15,0-547/FS SCO BK
09/11/2020
1425117 PHOENIX-1425117 Datasheet
129Kb / 9P
Sensor/actuator cable - SAC-4P-20,0-547/FS SCO BK
09/11/2020
1544060 PHOENIX-1544060 Datasheet
80Kb / 4P
Sensor/actuator cable - SAC-4P-Y/2X0,3-PUR/FS VP SCO
12/06/2018
1555664 PHOENIX-1555664 Datasheet
112Kb / 8P
Sensor/actuator cable - SAC-4P-10,0-186/FS SCO
09/11/2020
1555729 PHOENIX-1555729 Datasheet
134Kb / 9P
Sensor/actuator cable - SAC-4P-MS/ 5,0-186/FS SCO
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com