Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV4006G Datasheet (PDF) - Freescale Semiconductor, Inc

MPXV4006G Datasheet PDF - Freescale Semiconductor, Inc
Part # MPXV4006G
Download  MPXV4006G Download
File Size   319.32 Kbytes
Page   11 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Integrated Silicon Pressure Sensor On-Chip Signal Conditioned,Temperature Compensated and Calibrated

MPXV4006G Datasheet (PDF)

Go To PDF Page Download Datasheet
MPXV4006G Datasheet PDF - Freescale Semiconductor, Inc

Part # MPXV4006G
Download  MPXV4006G Click to download

File Size   319.32 Kbytes
Page   11 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Integrated Silicon Pressure Sensor On-Chip Signal Conditioned,Temperature Compensated and Calibrated

MPXV4006G Datasheet (HTML) - Freescale Semiconductor, Inc


MPXV4006G Product details

+ Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated

The MPXV4006 series piezoresistive transducers are state-of-the-art monolithic silicon pressure sensors designed for the appliance, consumer, health care and industrial market. The analog output can be read directly into the A/D input of Freescale microcontrollers. This transducer combines advanced micromachining techniques, thin-film metallization, and bipolar processing to provide an accurate, high level analog output signal that is proportional to the applied pressure. The axial port has been modified to accommodate industrial grade tubing.

Features
• 2.5% Maximum Error over +10°C to +60°C with Auto Zero
• 5% Maximum Error over +10°C to +60°C without Auto Zero
• Durable Thermoplastic (PPS) Package
• Available in Surface Mount (SMT) or Through-Hole (DIP) Configurations
• Available with Standard Fluorosilicone Gel or Media Resistant Gel

Application Examples
• Washing Machine Water Level Measurement (Reference AN1950)
• Ideally Suited for Microprocessor or Microcontroller-Based Systems
• Appliance Liquid Level and Pressure Measurement
• Respiratory Equipment




Similar Part No. - MPXV4006G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXV4006G MOTOROLA-MPXV4006G Datasheet
314Kb / 12P
INTEGRATED PRESSURE SENSOR
MPXV4006G6T1 MOTOROLA-MPXV4006G6T1 Datasheet
314Kb / 12P
INTEGRATED PRESSURE SENSOR
MPXV4006G6T1 MOTOROLA-MPXV4006G6T1 Datasheet
6Mb / 670P
Sensor
MPXV4006G6U MOTOROLA-MPXV4006G6U Datasheet
314Kb / 12P
INTEGRATED PRESSURE SENSOR
MPXV4006G6U MOTOROLA-MPXV4006G6U Datasheet
6Mb / 670P
Sensor
More results


Similar Description - MPXV4006G

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
logo
NXP Semiconductors
MP3V7007 NXP-MP3V7007 Datasheet
156Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 0, 11/2008
MPX4250 NXP-MPX4250 Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
MPXV7007 NXP-MPXV7007 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com