Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM121Q3 Datasheet (PDF) - List of Unclassifed Manufacturers

ASM121Q3 Datasheet PDF - List of Unclassifed Manufacturers
Part # ASM121Q3
Download  ASM121Q3 Download
File Size   282.69 Kbytes
Page   8 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description SIMISTOR??TEMPERATURE SENSOR ULTRA-LOW-POWER SILICON THERMISTOR

ASM121Q3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASM121Q3 Datasheet PDF - List of Unclassifed Manufacturers

Part # ASM121Q3
Download  ASM121Q3 Click to download

File Size   282.69 Kbytes
Page   8 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description SIMISTOR??TEMPERATURE SENSOR ULTRA-LOW-POWER SILICON THERMISTOR

ASM121Q3 Datasheet (HTML) - List of Unclassifed Manufacturers


ASM121Q3 Product details

[ANDIGILOG]

General Description
The aSM121 is a high-precision, 3-lead CMOS silicon thermistor in an ultra-small leadless package that provides a cost-effective solution for applications requiring high-accuracy low-power temperature monitoring. The aSM121 functions in a way that is similar to a PTC thermistor. However, it is linear-calibrated, enabling application developers to directly interpret output voltage as temperature without complex compensation for nonlinearity.

Features
• Precision Calibrated to ±1°C at 25°C
• Temperature Range: -30°C to 125°C
• Extremely Linear Output Ramp: 10mV/°C
• 0°C Output: 0.50V
• Output Ramp is Calibrated to Degrees Celsius
• Low Operating Current: 14μA
• Operating Voltage Range: +2.7 V to +3.6V
• Non-linearity: ≤ 0.8°C
• 1.2mm x 1.5mm QFN Package

Applications
• Mobile Phones
• Mobile Communications Terminals
• Computers
• Battery Management
• FAX Machines/Printers/Copiers
• Portable Medical Instruments
• HVAC, Power Supply Modules
• Disk Drives
• Automotive Control Circuits




Similar Part No. - ASM121Q3

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1232LP ALSC-ASM1232LP Datasheet
276Kb / 10P
5V uP Power Supply Monitor and Reset Circuit
logo
PulseCore Semiconductor
ASM1232LP PULSECORE-ASM1232LP Datasheet
285Kb / 10P
5V 關P Power Supply Monitor and Reset Circuit
logo
ON Semiconductor
ASM1232LP ONSEMI-ASM1232LP Datasheet
173Kb / 12P
5 V P Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM1232LPCMA ALSC-ASM1232LPCMA Datasheet
276Kb / 10P
5V uP Power Supply Monitor and Reset Circuit
ASM1232LPEMA ALSC-ASM1232LPEMA Datasheet
276Kb / 10P
5V uP Power Supply Monitor and Reset Circuit
More results


Similar Description - ASM121Q3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM20 FAIRCHILD-FM20 Datasheet
357Kb / 9P
Ultra-Low-Power Analog Temperature Sensor
logo
List of Unclassifed Man...
ATS20 ETC2-ATS20 Datasheet
279Kb / 10P
LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
ATS45C ETC2-ATS45C Datasheet
242Kb / 8P
LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
MF11 ETC2-MF11 Datasheet
246Kb / 2P
Temperature Compensation NTC Thermistor
logo
Murata Manufacturing Co...
NTSA0XH103FE1B0 MURATA-NTSA0XH103FE1B0 Datasheet
1Mb / 44P
NTC Thermistor for Temperature Sensor Thermo String Type
logo
Texas Instruments
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
Low-Power Digital Temperature Sensor
TMP102-Q1 TI1-TMP102-Q1 Datasheet
921Kb / 29P
Low-Power Digital Temperature Sensor
TMP103 TI1-TMP103 Datasheet
992Kb / 30P
Low-Power, Digital Temperature Sensor
TMP61 TI1-TMP61 Datasheet
1Mb / 29P
Silicon-Based Linear Thermistor for Temperature Sensing
TMP61 TI1-TMP61_19 Datasheet
1Mb / 29P
Silicon-Based Linear Thermistor for Temperature Sensing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com