Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J882 Datasheet (PDF) - Dc Components

J882 Datasheet PDF - Dc Components
Part # J882
Download  J882 Download
File Size   245.13 Kbytes
Page   1 Pages
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components
Description TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR

J882 Datasheet (PDF)

Go To PDF Page Download Datasheet
J882 Datasheet PDF - Dc Components

Part # J882
Download  J882 Click to download

File Size   245.13 Kbytes
Page   1 Pages
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components
Description TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR

J882 Datasheet (HTML) - Dc Components


J882 Product details

Description
Designed for use in output stage of 10W audio amplifier, voltage regulator, DC-DC converter, and relay driver.

Collector-Base Voltage  VCBO        40V
Collector-Emitter Voltage  VCEO      30V
Emitter-Base Voltage  VEBO         5V
Collector Current (DC)  IC            3A
Collector Current (pulse)  IC         7A
Base Current (DC)  IB              600mA
Total Power Dissipation(TC=25oC)  PD  10W




Similar Part No. - J882

ManufacturerPart #DatasheetDescription
logo
Amphenol Wilcoxon Sensi...
J88 WILCOXON-J88 Datasheet
269Kb / 1P
Molded connector for walkaround applications
J88 WILCOXON-J88 Datasheet
465Kb / 1P
RM12W molded M12 connector for process applications
J88C WILCOXON-J88C Datasheet
269Kb / 1P
Molded connector for walkaround applications
More results


Similar Description - J882

ManufacturerPart #DatasheetDescription
logo
Dc Components
DC9013 DCCOM-DC9013 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC8050S DCCOM-DC8050S Datasheet
240Kb / 2P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC9014 DCCOM-DC9014 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DXT3904 DCCOM-DXT3904 Datasheet
237Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DXTA44 DCCOM-DXTA44 Datasheet
237Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
MPSA42M DCCOM-MPSA42M Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
BD237D DCCOM-BD237D Datasheet
218Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2N3773 DCCOM-2N3773 Datasheet
234Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SC1959 DCCOM-2SC1959 Datasheet
214Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SD667A DCCOM-2SD667A Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com