Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7504031 Datasheet (PDF) - Turck, Inc.

7504031 Datasheet PDF - Turck, Inc.
Part # 7504031
Download  7504031 Download
File Size   322.73 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Isolating transducer 1-channel

7504031 Datasheet (PDF)

Go To PDF Page Download Datasheet
7504031 Datasheet PDF - Turck, Inc.

Part # 7504031
Download  7504031 Click to download

File Size   322.73 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Isolating transducer 1-channel

7504031 Datasheet (HTML) - Turck, Inc.


7504031 Product details

The 1-channel isolating transducer
IM33-14EX-CDRI is designed to operate intrinsically safe transmitters in the Ex area and
to transmit the measured signals to the nonEx area.
The device is equipped with an analog output of 0/4…20 mA; In addition, three relay outputs for limit values are available. The measured value can be viewed on a 2-line display.
A green LED indicates operational readiness,
3 yellow LEDs indicate the switching status of
the individual channels.

The measured value is permanently written to
a ring buffer with space for 8000 values. The
writing process is stopped with a predefined
trigger event, like for example "excess of limit
value". After that, the stored signal sequence
can be read out.
The device can be parametrized and configured via PC (FDT / DTM). For this, connect
the device to the PC via the 3.5 mm jack on
the front (the matching transmission cable
IM-PROG III can be ordered separately from
TURCK). In addition, a basic scope of parameters can be set via buttons and display
on the front as well as via the HART®
capable
power interface

■ Monitoring of analog values and ranges
according to over and underrange
■ Line monitoring
■ Parameterized via PC (FDT/DTM), frontpanel switch or HART
■ Ring buffer for up to 8000 measured values
■ Display
■ Power supply of 2 and 3-wire measuring
transducers
■ Suited for active and passive signals
■ Output circuit: 0/4…20 mA, reversible
■ 3 relay outputs
■ Universal operating voltage
■ Complete galvanic isolation
■ Input reverse-polarity protected
■ ATEX, IECEx, TR CU, KOSHA
■ Installation in zone 2




Similar Part No. - 7504031

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
7504031 TURCK-7504031 Datasheet
325Kb / 4P
Isolating switching amplifier 2-channel
2023-07-21
7504031 TURCK-7504031 Datasheet
289Kb / 4P
Isolating switching amplifier 4-channel
2023-07-21
7504031 TURCK-7504031 Datasheet
329Kb / 4P
Isolating switching amplifier 4-channel
2023-07-21
7504031 TURCK-7504031 Datasheet
249Kb / 3P
Potentiometer Amplifier 2-channel
2023-07-21
7504031 TURCK-7504031 Datasheet
322Kb / 4P
Temperature measuring amplifier 1-channel
2023-07-21
More results


Similar Description - 7504031

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DS44049 ETC2-DS44049 Datasheet
712Kb / 1P
SAFETY ISOLATING TRANSFORMER
DS44094 ETC1-DS44094 Datasheet
721Kb / 1P
SAFETY ISOLATING TRANSFORMER
logo
Hammond Manufacturing L...
171A HAMMOND-171A Datasheet
61Kb / 1P
Isolating Line Transformer
logo
List of Unclassifed Man...
IM1-22EX-T ETC2-IM1-22EX-T Datasheet
237Kb / 4P
Isolating switching amplifier
logo
Cynergy3 Co
SC-SLIMCON6 CYNERGY3-SC-SLIMCON6 Datasheet
105Kb / 1P
Isolating Signal Converter
logo
ZIEHL industrie-elektro...
MU100U ZIEHL-MU100U Datasheet
795Kb / 2P
Universal-Measuring Transducer/ Isolating Amplifier Type MU100U
MU1000K ZIEHL-MU1000K Datasheet
320Kb / 1P
Universal-Measuring-Transducer MU1000K Temperature Pt 100 (RTD), DC Current and Voltage, Isolating Amplifier
MU1001K ZIEHL-MU1001K Datasheet
870Kb / 1P
Universal-Measuring-Transducer MU1001K DC Voltage, Isolating Amplifier
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.1 PF-S1SD-1AI-1U.1 Datasheet
813Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-1U.2 PF-S1SD-1AI-1U.2 Datasheet
817Kb / 4P
Isolating Amplifier
2022-01-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com