Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM15E-K Datasheet (PDF) - Recom International Power

RACM15E-K Datasheet PDF - Recom International Power
Part # RACM15E-K
Download  RACM15E-K Download
File Size   1641.32 Kbytes
Page   9 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 15W ◊ Input: 100-240VAC RACM15E-K Series ◊ AC/DC Power Supply

RACM15E-K Datasheet (PDF)

Go To PDF Page Download Datasheet
RACM15E-K Datasheet PDF - Recom International Power

Part # RACM15E-K
Download  RACM15E-K Click to download

File Size   1641.32 Kbytes
Page   9 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 15W ◊ Input: 100-240VAC RACM15E-K Series ◊ AC/DC Power Supply

RACM15E-K Datasheet (HTML) - Recom International Power


RACM15E-K Product details

FEATURES
• Panel- and DIN-rail mount or open card fixation
• CV/CC: constant voltage; constant current limited
• -40°C to +85°C operating temperature ratings
• OVC III rated up to 3000m Altitude
• 2MOPP rating
• EN55032 class “B” compliant @ floating load
• 1.5U cabinet space requirements
• 3 years warranty




Similar Part No. - RACM15E-K

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACM150 RECOM-RACM150 Datasheet
360Kb / 4P
150 Watt Enclosed Case Style Single Output
RACM150-12S RECOM-RACM150-12S Datasheet
429Kb / 5P
150 Watt Enclosed Case Style Single Output
RACM150-12S/F RECOM-RACM150-12S/F Datasheet
429Kb / 5P
150 Watt Enclosed Case Style Single Output
RACM150-15S RECOM-RACM150-15S Datasheet
429Kb / 5P
150 Watt Enclosed Case Style Single Output
RACM150-15S/F RECOM-RACM150-15S/F Datasheet
429Kb / 5P
150 Watt Enclosed Case Style Single Output
More results


Similar Description - RACM15E-K

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLCCS0040112 LINKCOM-PLCCS0040112 Datasheet
73Kb / 2P
AC Input 100-240Vac
PLCCS0040142 LINKCOM-PLCCS0040142 Datasheet
73Kb / 2P
AC Input 100-240Vac
PLCCS0040342 LINKCOM-PLCCS0040342 Datasheet
73Kb / 2P
AC Input 100-240Vac
PLKBPHE005C351 LINKCOM-PLKBPHE005C351 Datasheet
262Kb / 2P
AC Input 100-240Vac
PLKBPHE005C701 LINKCOM-PLKBPHE005C701 Datasheet
242Kb / 2P
AC Input 100-240Vac
PLKBPHE010C351 LINKCOM-PLKBPHE010C351 Datasheet
247Kb / 2P
AC Input 100-240Vac
PLKBPHE010C701 LINKCOM-PLKBPHE010C701 Datasheet
248Kb / 2P
AC Input 100-240Vac
logo
Toppower Electronic Tec...
TPCPD-15-XS TOPPOWER-TPCPD-15-XS Datasheet
784Kb / 4P
15W Wide input AC/DC switching power supply
TPCNE-15-XS TOPPOWER-TPCNE-15-XS Datasheet
741Kb / 4P
15W Wide input AC/DC switching power supply
TPCPD-15-X TOPPOWER-TPCPD-15-X Datasheet
428Kb / 4P
15W Wide input AC/DC switching power supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com