Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPH-3.0 Datasheet (PDF) - Recom International Power

RPH-3.0 Datasheet PDF - Recom International Power
Part # RPH-3.0
Download  RPH-3.0 Download
File Size   868.85 Kbytes
Page   7 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 3 Amp ◊ Input: 4.5-55VDC ◊ 47 Pad QFN Package RPH-3.0 Series ◊ Power Module

RPH-3.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RPH-3.0 Datasheet PDF - Recom International Power

Part # RPH-3.0
Download  RPH-3.0 Click to download

File Size   868.85 Kbytes
Page   7 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 3 Amp ◊ Input: 4.5-55VDC ◊ 47 Pad QFN Package RPH-3.0 Series ◊ Power Module

RPH-3.0 Datasheet (HTML) - Recom International Power


RPH-3.0 Product details

FEATURES
• Buck regulator power module with integrated
shielded inductor
• 55V maximum input voltage
• Programmable 1 - 15V output voltage
• 3A maximum output current
• SCP, OCP, OVP, and UVLO protection
• 10mm x 12mm x 4mm QFN package
• Flip-Chip technology for improved thermal
management
• Efficiency up to 91%
• 3 years warranty




Similar Part No. - RPH-3.0

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RPH-1A-P-12-S ADAM-TECH-RPH-1A-P-12-S Datasheet
89Kb / 1P
SIGNAL RELAY
More results


Similar Description - RPH-3.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
TPSM53603 TI1-TPSM53603 Datasheet
1Mb / 33P
TPSM53603 36-V Input, 3-A Power Module in RLF QFN Package
logo
Recom International Pow...
RPL-3.0 RECOM-RPL-3.0 Datasheet
1Mb / 8P
3.0 Amp 10 Pad LGA Package
RPX-1.0 RECOM-RPX-1.0 Datasheet
2Mb / 10P
1.0 Amp QFN Package
RPX-1.5 RECOM-RPX-1.5 Datasheet
2Mb / 10P
1.5 Amp QFN Package
logo
Texas Instruments
TPSM863252 TI-TPSM863252_V01 Datasheet
1Mb / 23P
TPSM86325x 3-V to 17-V Input, 3-A, Synchronous Buck Module in QFN Package
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com