Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K817P Datasheet (PDF) - Vishay Siliconix

K817P Datasheet PDF - Vishay Siliconix
Part # K817P
Download  K817P Download
File Size   141.26 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output

K817P Datasheet (PDF)

Go To PDF Page Download Datasheet
K817P Datasheet PDF - Vishay Siliconix

Part # K817P
Download  K817P Click to download

File Size   141.26 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output

K817P Datasheet (HTML) - Vishay Siliconix


K817P Product details

FEATURES
Endstackable to 2.54 mm (0.1") spacing
DC isolation test voltage 5000 VRMS
Current transfer ratio (CTR) selected into
groups
Low temperature coefficient of CTR
Wide ambient temperature range
Available in single, dual and quad channel packages
Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Programmable logic controllers
• Modems
• Answering machines
• General applications8

DESCRIPTION
In the K817P part each channel consists of a phototransistor
optically coupled to a gallium arsenide infrared-emitting
diode in a 4 pin (single) plastic dual inline package.




Similar Part No. - K817P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K817P VISHAY-K817P Datasheet
235Kb / 9P
Optocoupler, Phototransistor Output
26-Oct-04
K817P1 VISHAY-K817P1 Datasheet
235Kb / 9P
Optocoupler, Phototransistor Output
26-Oct-04
K817P2 VISHAY-K817P2 Datasheet
235Kb / 9P
Optocoupler, Phototransistor Output
26-Oct-04
K817P3 VISHAY-K817P3 Datasheet
235Kb / 9P
Optocoupler, Phototransistor Output
26-Oct-04
K817P4 VISHAY-K817P4 Datasheet
235Kb / 9P
Optocoupler, Phototransistor Output
26-Oct-04
More results


Similar Description - K817P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
Optocoupler with Phototransistor Output
11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
Optocoupler with Phototransistor Output
26-Oct-04
K817P VISHAY-K817P Datasheet
235Kb / 9P
Optocoupler, Phototransistor Output
26-Oct-04
CNY17 VISHAY-CNY17_05 Datasheet
129Kb / 9P
Optocoupler, Phototransistor Output,
09-Nov-05
ILD621 VISHAY-ILD621_07 Datasheet
176Kb / 10P
Optocoupler, Phototransistor Output
20-Dec-07
TCDT1110 VISHAY-TCDT1110_08 Datasheet
153Kb / 8P
Optocoupler, Phototransistor Output
16-May-08
TCDT1100 VISHAY-TCDT1100_08 Datasheet
154Kb / 9P
Optocoupler, Phototransistor Output
16-May-08
CNY74-2H VISHAY-CNY74-2H_08 Datasheet
161Kb / 8P
Optocoupler, Phototransistor Output,Multichannel
TCET1204 VISHAY-TCET1204_V01 Datasheet
151Kb / 8P
Optocoupler, Phototransistor Output
12-Oct-2020
TCET1201 VISHAY-TCET1201_V02 Datasheet
151Kb / 8P
Optocoupler, Phototransistor Output
12-Oct-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com