Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10N65F Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

10N65F Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # 10N65F
Download  10N65F Download
File Size   2625.67 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 650V N-Channel Enhancement Mode MOSFET

10N65F Datasheet (PDF)

Go To PDF Page Download Datasheet
10N65F Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # 10N65F
Download  10N65F Click to download

File Size   2625.67 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 650V N-Channel Enhancement Mode MOSFET

10N65F Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


10N65F Product details

Description
The AP10N65F/P is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.

General Features
VDS = 650V ID =10A
RDS(ON) < 0.9Ω @ VGS=10V Type 0.75Ω

Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)




Similar Part No. - 10N65F

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
10N65F CHONGQING-10N65F Datasheet
193Kb / 2P
F10A mps,650 Volts N-CHANNEL MOSFET
logo
Microdiode Semiconducto...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
650V N-Channel Power MOSFET
logo
SUNMATE electronic Co.,...
10N65F SUNMATE-10N65F Datasheet
2Mb / 8P
N-CHANNEL POWER MOSFET
logo
Guangdong Youtai Semico...
10N65F UMW-10N65F Datasheet
494Kb / 9P
N-channel power MOS tube
More results


Similar Description - 10N65F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP7N65 PANJIT-PJP7N65 Datasheet
204Kb / 5P
650V N-Channel Enhancement Mode MOSFET
PJP10N65 PANJIT-PJP10N65 Datasheet
244Kb / 6P
650V N-Channel Enhancement Mode MOSFET
PJP12N65 PANJIT-PJP12N65 Datasheet
232Kb / 6P
650V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY2N65D HY-HY2N65D Datasheet
155Kb / 4P
650V / 2A N-Channel Enhancement Mode MOSFET
HY2N65T HY-HY2N65T Datasheet
152Kb / 4P
650V / 2A N-Channel Enhancement Mode MOSFET
HY4N65D HY-HY4N65D Datasheet
155Kb / 4P
650V / 4A N-Channel Enhancement Mode MOSFET
HY8N65T HY-HY8N65T Datasheet
132Kb / 4P
650V / 8A N-Channel Enhancement Mode MOSFET
HY10N65T HY-HY10N65T Datasheet
135Kb / 4P
650V / 10A N-Channel Enhancement Mode MOSFET
HY12N65T HY-HY12N65T Datasheet
134Kb / 4P
650V/ 12A N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMFB10N65 LEIDITECH-LMFB10N65 Datasheet
5Mb / 5P
650V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com