Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0136 Datasheet (PDF) - Turck, Inc.

F0136 Datasheet PDF - Turck, Inc.
Part # F0136
Download  F0136 Download
File Size   173.04 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description I/O Module for DeviceNet 8 digital outputs 1.4 A

F0136 Datasheet (PDF)

Go To PDF Page Download Datasheet
F0136 Datasheet PDF - Turck, Inc.

Part # F0136
Download  F0136 Click to download

File Size   173.04 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description I/O Module for DeviceNet 8 digital outputs 1.4 A

F0136 Datasheet (HTML) - Turck, Inc.


F0136 Product details

■ 8 digital outputs 1.4 A
■ Output diagnostics per channel
■ One channel per connector
■ Separate actuator power supply
■ Fibre-glass reinforced PA6 housing
■ Vibration and shock-resistant
■ Encapsulated module electronics
■ Metal connectors
■ Degree of protection IP67




Similar Part No. - F0136

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
F0130 TURCK-F0130 Datasheet
178Kb / 3P
I/O Module for DeviceNet 8 digital PNP inputs 8 digital outputs 0.5 A
2023-07-21
F0133 TURCK-F0133 Datasheet
159Kb / 1P
I/O Module for DeviceNet
2023-07-21
F0134 TURCK-F0134 Datasheet
169Kb / 1P
I/O Module for DeviceNet 8 configurable channels
2023-07-21
F0135 TURCK-F0135 Datasheet
173Kb / 2P
I/O Module for DeviceNet 8 digital outputs 0.5 A
2023-07-21
F0137 TURCK-F0137 Datasheet
338Kb / 3P
Repeater module for DeviceNet™ Repeater for DeviceNet
2023-07-21
More results


Similar Description - F0136

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ND-6050 ETC2-ND-6050 Datasheet
219Kb / 1P
Digital I/O Module
logo
Red Lion Controls. Inc
RM-8DO2 REDLION-RM-8DO2 Datasheet
536Kb / 1P
I/O Module ??Discrete Outputs
logo
M-System Co.,Ltd.
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-ND3 MSYSTEM-R3-ND3 Datasheet
173Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-ND2 MSYSTEM-R3-ND2 Datasheet
173Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-ND1 MSYSTEM-R3-ND1 Datasheet
171Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R5-ND2 MSYSTEM-R5-ND2 Datasheet
146Kb / 4P
Remote I/O R5 Series DeviceNet INTERFACE MODULE
R5-ND1 MSYSTEM-R5-ND1 Datasheet
169Kb / 6P
Remote I/O R5 Series DeviceNet INTERFACE MODULE
R7D MSYSTEM-R7D Datasheet
1Mb / 38P
Remote I/O R7 Series DeviceNet I/O MODULE
logo
Turck, Inc.
TBEN-S1-8DXP TURCK-TBEN-S1-8DXP Datasheet
356Kb / 8P
Compact Multiprotocol I/O Module for Ethernet 8 Universal Digital Channels, Configurable as PNP Inputs or 2 A Outputs
2023-02-23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com