Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0153 Datasheet (PDF) - Turck, Inc.

F0153 Datasheet PDF - Turck, Inc.
Part # F0153
Download  F0153 Download
File Size   346.31 Kbytes
Page   5 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description I/O Module for DeviceNet 12 digital pnp inputs 4 digital outputs 2 A

F0153 Datasheet (PDF)

Go To PDF Page Download Datasheet
F0153 Datasheet PDF - Turck, Inc.

Part # F0153
Download  F0153 Click to download

File Size   346.31 Kbytes
Page   5 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description I/O Module for DeviceNet 12 digital pnp inputs 4 digital outputs 2 A

F0153 Datasheet (HTML) - Turck, Inc.


F0153 Product details

■ For robot applications
■ Robust electromechanics
■ High magnetic field immunity
■ Intelligent terminating resistor
■ Module-related diagnostics
■ Short-circuit - group signal
■ Fiber-glass reinforced housing
■ Vibration and shock-resistant
■ Encapsulated module electronics
■ Metal connector
■ Degree of protection IP67

Functional principle
The FDNL-S1204H-0153 is a compact fieldbus I/O module for DeviceNet and especially
designed for robotic systems resp. automatic
tool changers. The module is available in degree of protection IP67 and features 12 digital
pnp inputs and 4 digital 2A outputs.
DeviceNet and power supply are jointly connected via a multibus cable with M23 connection technology which was especially developed for robotic applications.
Due to the target application, the module also features an intelligent terminating resistor.
The terminating resistor is automatically connected if the roboter module is the last slave
at the DeviceNet branch. Once a further DeviceNet slave is added, the terminating resistor is automatically disconnected. Automatic
connection of the internal terminating resistor
is always carried out, if pin 15 and 16 of the
M23 coupling (OUT) are not short-circuited.
The diagnostic message of the load voltage
can be activated or deactivated via EDS parameterization.




Similar Part No. - F0153

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
F015-006 TRIPPLITE-F015-006 Datasheet
157Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin/9pin M/M) 6-ft.
F015-010 TRIPPLITE-F015-010 Datasheet
157Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin/9pin M/M) 10-ft.
F015006 TRIPPLITE-F015006 Datasheet
485Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin-9pin M-M) 6-ft
F015010 TRIPPLITE-F015010 Datasheet
484Kb / 2P
FireWire 800 IEEE 1394b Hi-speed Cable (9pin-9pin M-M) 10-ft
logo
Turck, Inc.
F0156 TURCK-F0156 Datasheet
132Kb / 1P
I/O Module for DeviceNet
2023-07-21
More results


Similar Description - F0153

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
104-AIO12-8 ADL-104-AIO12-8 Datasheet
364Kb / 2P
12-bit, 8-channel A/D, 4 analog outputs and 24 digital I/O
logo
List of Unclassifed Man...
ND-6050 ETC2-ND-6050 Datasheet
219Kb / 1P
Digital I/O Module
logo
PHOENIX CONTACT
2867322 PHOENIX-2867322 Datasheet
130Kb / 4P
Analog /digital module for 2 digital inputs/outputs and 1 analog input/output
6885 PHOENIX-6885 Datasheet
950Kb / 17P
Inline Block IO Module for DeviceNet??With 16 Digital Inputs and 16 Digital Outputs
logo
Moxa Inc.
E3200 MOXA-E3200 Datasheet
611Kb / 4P
Ethernet peer-to-peer I/O with 8 digital inputs and 8 digital outputs
logo
Carlo Gavazzi Holding A...
G34409943824 CARLOGAVAZZI-G34409943824 Datasheet
892Kb / 7P
4 inputs / 4 outputs digital transceiver
logo
Schneider Electric
BMXAMM0600 SCHNEIDER-BMXAMM0600 Datasheet
149Kb / 5P
mixed analog I/O module X80 - 4 inputs - 2 outputs
Apr 18, 2022
TPRDG4X2 SCHNEIDER-TPRDG4X2 Datasheet
110Kb / 3P
Digital IO module, TeSys island, 4 inputs, 2 outputs
May 9, 2022
logo
Lumberg
0980ESL710 LUMBERG-0980ESL710 Datasheet
1Mb / 2P
LioN-M EtherNet/IP I/O Modules with 16 Digital Inputs and 16 Digital Outputs
2018
logo
Turck, Inc.
TBEN-S1-8DXP TURCK-TBEN-S1-8DXP Datasheet
356Kb / 8P
Compact Multiprotocol I/O Module for Ethernet 8 Universal Digital Channels, Configurable as PNP Inputs or 2 A Outputs
2023-02-23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com