Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002KA Datasheet (PDF) - Rectron Semiconductor

2N7002KA Datasheet PDF - Rectron Semiconductor
Part # 2N7002KA
Download  2N7002KA Download
File Size   347.03 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

2N7002KA Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002KA Datasheet PDF - Rectron Semiconductor

Part # 2N7002KA
Download  2N7002KA Click to download

File Size   347.03 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

2N7002KA Datasheet (HTML) - Rectron Semiconductor


2N7002KA Product details

General Features
VDS = 60V,ID = 0.32A
RDS(ON) < 4.0Ω @ VGS=5V,ID = 500 mA
RDS(ON) < 3.0Ω @ VGS=10V ,ID = 50mA
ESD Rating HBM 1000V
High power and current handing capability
Lead free product is acquired
Surface mount package

Application
Direct logic-level interface: TTL/CMOS
Drivers: relays, solenoids, lamps, hammers,display,
memories, transistors, etc.
Battery operated systems
Solid-state relays
Halogen-free




Similar Part No. - 2N7002KA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002KA NXP-2N7002KA Datasheet
94Kb / 11P
N-channel TrenchMOS FET
Rev. 03-25 February 2008
logo
KEC(Korea Electronics)
2N7002KA KEC-2N7002KA Datasheet
378Kb / 3P
N Channel MOSFET
logo
Micro Commercial Compon...
2N7002KA MCC-2N7002KA Datasheet
641Kb / 4P
N-Channel MOSFET
logo
KEC(Korea Electronics)
2N7002KA KEC-2N7002KA Datasheet
51Kb / 3P
N Channel MOSFET ESD Protected 2000V
2N7002KA KEC-2N7002KA_15 Datasheet
364Kb / 3P
INTERFACE AND SWITCHING APPLICATION.
More results


Similar Description - 2N7002KA

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com