Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002KBV Datasheet (PDF) - Rectron Semiconductor

2N7002KBV Datasheet PDF - Rectron Semiconductor
Part # 2N7002KBV
Download  2N7002KBV Download
File Size   509.77 Kbytes
Page   5 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

2N7002KBV Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002KBV Datasheet PDF - Rectron Semiconductor

Part # 2N7002KBV
Download  2N7002KBV Click to download

File Size   509.77 Kbytes
Page   5 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

2N7002KBV Datasheet (HTML) - Rectron Semiconductor


2N7002KBV Product details

General Features
VDS = 60V,ID = 0.34A
RDS(ON) < 5.3Ω @ VGS=4.5V,I D = 200 mA
RDS(ON) < 5.0Ω @ VGS=10V ,ID = 500mA
ESD Rating HBM 1000V
High power and current handing capability
Lead free product is acquired
Surface mount package

Application
Direct logic-level interface: TTL/CMOS
Drivers: relays, solenoids, lamps, hammers,display,
memories, transistors, etc.
Battery operated systems
Solid-state relays
Halogen-free
P/N suffix V means AEC-Q101 qualified, e.g:2N7002KBV




Similar Part No. - 2N7002KBV

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
2N7002KB SILIKRON-2N7002KB Datasheet
507Kb / 7P
Main Product Characteristics
logo
GOOD-ARK Electronics
2N7002KB GOOD-ARK-2N7002KB Datasheet
675Kb / 6P
60V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
2N7002KB VBSEMI-2N7002KB Datasheet
1,004Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
Rectron Semiconductor
2N7002KB RECTRON-2N7002KB Datasheet
509Kb / 5P
N-Channel Enhancement Mode Power MOSFET
2020-11/03 REV:B
2N7002KBS3 RECTRON-2N7002KBS3 Datasheet
191Kb / 5P
N-Channel Mosfet
2023-06/89 REV:O
More results


Similar Description - 2N7002KBV

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com