Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC857M Datasheet (PDF) - NXP Semiconductors

BC857M Datasheet PDF - NXP Semiconductors
Part # BC857M
Download  BC857M Download
File Size   83.49 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP general purpose transistors

BC857M Datasheet (PDF)

Go To PDF Page Download Datasheet
BC857M Datasheet PDF - NXP Semiconductors

Part # BC857M
Download  BC857M Click to download

File Size   83.49 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP general purpose transistors

BC857M Datasheet (HTML) - NXP Semiconductors


BC857M Product details

DESCRIPTION
PNP general purpose transistor in a SOT883 leadless ultra small plastic package.
NPN complement: BC847M series.

FEATURES
• Leadless ultra small plastic package (1 mm × 0.6 mm × 0.5 mm)
• Board space 1.3 × 0.9 mm
• Power dissipation comparable to SOT23.

APPLICATIONS
• General purpose small signal DC
• Low and medium frequency AC applications
• Mobile communications, digital (still) cameras, PDAs, PCMCIA cards.




Similar Part No. - BC857M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC857M NXP-BC857M Datasheet
160Kb / 10P
PNP general purpose transistors
2004 Mar 10
logo
Nexperia B.V. All right...
BC857M NEXPERIA-BC857M Datasheet
362Kb / 11P
PNP general purpose transistors
2004 Mar 10
BC857M_SER NEXPERIA-BC857M_SER Datasheet
362Kb / 11P
PNP general purpose transistors
2004 Mar 10
BC857M_SERIES NEXPERIA-BC857M_SERIES Datasheet
362Kb / 11P
PNP general purpose transistors
2004 Mar 10
More results


Similar Description - BC857M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
PNP general purpose transistors
1999 May 31
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
PNP general purpose transistors
1999 Apr 20
BC557B PHILIPS-BC557B Datasheet
80Kb / 12P
PNP general purpose transistors
1997 Mar 27
logo
Pan Jit International I...
BC807 PANJIT-BC807 Datasheet
481Kb / 3P
PNP GENERAL PURPOSE TRANSISTORS
logo
Guangdong Kexin Industr...
BCW67 KEXIN-BCW67 Datasheet
42Kb / 2P
PNP General Purpose Transistors
BCW69 KEXIN-BCW69 Datasheet
40Kb / 2P
PNP General Purpose Transistors
KC860W KEXIN-KC860W Datasheet
69Kb / 2P
PNP General Purpose Transistors
logo
Weitron Technology
2SB985 WEITRON-2SB985 Datasheet
214Kb / 5P
PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
PNP general purpose transistors
2002 Feb 04
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com