Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5200 Datasheet (PDF) - NXP Semiconductors

SA5200 Datasheet PDF - NXP Semiconductors
Part # SA5200
Download  SA5200 Download
File Size   375.11 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description RF dual gain-stage

SA5200 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA5200 Datasheet PDF - NXP Semiconductors

Part # SA5200
Download  SA5200 Click to download

File Size   375.11 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description RF dual gain-stage

SA5200 Datasheet (HTML) - NXP Semiconductors


SA5200 Product details

DESCRIPTION

The SA5200 is a dual amplifier with DC to 1200MHz response. Low noise (NF = 3.6dB) makes this part ideal for RF front-ends, and a simple power-down mode saves current for battery operated equipment. Inputs and outputs are matched to 50Ω. The enable pin allows the designer the ability to turn the amplifiers on or off, allowing the part to act as an amplifier as well as an attenuator. This is very useful for front-end buffering in receiver applications.



FEATURES

•Dual amplifiers

•DC - 1200MHz operation

•Low DC power consumption (4.2mA per amplifier @ VCC= 5V)

•Power-Down Mode (ICC= 95µA typical)

•3.6dB noise figure at 900MHz

•Unconditionally stable

•Fully ESD protected

•Low cost

•Supply voltage 4-9V

•Gain S21= 7dB at f = 1GHz

•Input and output match S11, S22typically <–14dB



APPLICATIONS

•Cellular radios

•RF IF strips

•Portable equipment




Similar Part No. - SA5200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5204 PHILIPS-SA5204 Datasheet
116Kb / 13P
Wide-band high-frequency amplifier
1997 Nov 07
SA5204A PHILIPS-SA5204A Datasheet
190Kb / 14P
Wide-band high-frequency amplifier
1992 Feb 25
SA5204A PHILIPS-SA5204A Datasheet
116Kb / 13P
Wide-band high-frequency amplifier
1997 Nov 07
SA5204AD PHILIPS-SA5204AD Datasheet
190Kb / 14P
Wide-band high-frequency amplifier
1992 Feb 25
SA5204AD PHILIPS-SA5204AD Datasheet
116Kb / 13P
Wide-band high-frequency amplifier
1997 Nov 07
More results


Similar Description - SA5200

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV Datasheet
93Kb / 9P
Dual Frequency ECL/PECL Oscillator Gain Stage & Buffer with Enable
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
Miniature Broadband Gain Stage
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200_15 Datasheet
777Kb / 10P
Miniature Broadband Gain Stage
logo
TriQuint Semiconductor
TAT7472A1F TRIQUINT-TAT7472A1F Datasheet
747Kb / 8P
Edge QAM Gain Stage
logo
Renesas Technology Corp
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
RF Dual Wideband Gain-Settable Downconverting Mixer
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com