Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1444005 Datasheet (PDF) - PHOENIX CONTACT

1444005 Datasheet PDF - PHOENIX CONTACT
Part # 1444005
Download  1444005 Download
File Size   568.62 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-AD-2L 180/.../... - Sensor/actuator cable

1444005 Datasheet (PDF)

Go To PDF Page Download Datasheet
1444005 Datasheet PDF - PHOENIX CONTACT

Part # 1444005
Download  1444005 Click to download

File Size   568.62 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-AD-2L 180/.../... - Sensor/actuator cable

1444005 Datasheet (HTML) - PHOENIX CONTACT


1444005 Product details

Sensor/actuator cable, 5-position, free cable end, on Valve connector AD (pressure switch), with
2 LEDs, Wiring: unwired, cable length: Free input (0.2 ... 40.0 m), Pin connector pattern of valve
plug rotated 180°

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Flexible solutions - configurable materials with variable cable types and cable lengths




Similar Part No. - 1444005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
14440-000 ETC2-14440-000 Datasheet
100Kb / 3P
1 Watt Encapsulated AC-DC Linear Power Supply
logo
PHOENIX CONTACT
1444047 PHOENIX-1444047 Datasheet
146Kb / 2P
Accessories - SACC-SEAL-CI-M12FS-8X1,3
logo
Weidmuller
1444050000 WEIDMULLER-1444050000 Datasheet
511Kb / 3P
Pressing tool PZ 6 ROTO L
September 7, 2020 10:28:14 AM
1444050000. WEIDMULLER-1444050000. Datasheet
511Kb / 3P
Pressing tool PZ 6 ROTO L
September 7, 2020 10:28:14 AM
More results


Similar Description - 1444005

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400590 PHOENIX-1400590 Datasheet
41Kb / 1P
Sensor/Actuator cable - SAC-5P-M12MS/2,0-PUR/AD-2L
1400794 PHOENIX-1400794 Datasheet
108Kb / 5P
Sensor/Actuator cable - SAC-5P-M12MS/1,5-PUR/AD-2L
1407291 PHOENIX-1407291 Datasheet
103Kb / 4P
Sensor/actuator cable - SAC-5P- 1,5-PUO/AD-2L OD
1415945 PHOENIX-1415945 Datasheet
85Kb / 4P
Sensor/Actuator cable - SAC-5P- 1,5-PVC/AD-2L
1415946 PHOENIX-1415946 Datasheet
84Kb / 3P
Sensor/Actuator cable - SAC-5P- 3,0-PVC/AD-2L
1435085 PHOENIX-1435085 Datasheet
110Kb / 7P
Sensor/Actuator cable - SAC-5P- 1,5-PUR/AD-2L
1435108 PHOENIX-1435108 Datasheet
110Kb / 7P
Sensor/Actuator cable - SAC-5P- 5,0-PUR/AD-2L
1435111 PHOENIX-1435111 Datasheet
110Kb / 7P
Sensor/Actuator cable - SAC-5P-10,0-PUR/AD-2L
1438639 PHOENIX-1438639 Datasheet
101Kb / 6P
Sensor/Actuator cable - SAC-5P- 5,0-PVC/AD-2L
1439573 PHOENIX-1439573 Datasheet
108Kb / 5P
Sensor/Actuator cable - SAC-5P-M12MS/0,6-PUR/AD-2L
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com