Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4BC40WS Datasheet (PDF) - International Rectifier

IRG4BC40WS Datasheet PDF - International Rectifier
Part # IRG4BC40WS
Download  IRG4BC40WS Download
File Size   343.85 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INSULATED GATE BIPOLAR TRANSISTOR

IRG4BC40WS Datasheet (PDF)

Go To PDF Page Download Datasheet
IRG4BC40WS Datasheet PDF - International Rectifier

Part # IRG4BC40WS
Download  IRG4BC40WS Click to download

File Size   343.85 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INSULATED GATE BIPOLAR TRANSISTOR

IRG4BC40WS Datasheet (HTML) - International Rectifier


IRG4BC40WS Product details

Features
• Designed expressly for Switch-Mode Power
   Supply and PFC (power factor correction)
   applications
• Industry-benchmark switching losses improve
   efficiency of all power supply topologies
• 50% reduction of Eoff parameter
• Low IGBT conduction losses
• Latest-generation IGBT design and construction offers
   tighter parameters distribution, exceptional reliability

Benefits
• Lower switching losses allow more cost-effective
   operation than power MOSFETs up to 150 kHz
   ("hard switched" mode)
• Of particular benefit to single-ended converters and
   boost PFC topologies 150W and higher
• Low conduction losses and minimal minority-carrier
   recombination make these an excellent option for
   resonant mode switching as well (up to >>300 kHz)




Similar Part No. - IRG4BC40WS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC40WSPBF IRF-IRG4BC40WSPBF Datasheet
357Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC40WSPBF IRF-IRG4BC40WSPBF Datasheet
357Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC40WSPBF IRF-IRG4BC40WSPBF_15 Datasheet
357Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
More results


Similar Description - IRG4BC40WS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
GA200SA60SP IRF-GA200SA60SP Datasheet
322Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF Datasheet
252Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC50SPBF IRF-IRG4PC50SPBF Datasheet
982Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4P254SPBF IRF-IRG4P254SPBF Datasheet
329Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC10SPBF IRF-IRG4BC10SPBF Datasheet
266Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR
IRG7PH50UPBF IRF-IRG7PH50UPBF Datasheet
366Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC20WPBF IRF-IRG4BC20WPBF Datasheet
209Kb / 9P
INSULATED GATE BIPOLAR TRANSISTOR
IRGP4066PBF IRF-IRGP4066PBF Datasheet
275Kb / 10P
INSULATED GATE BIPOLAR TRANSISTOR
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com