Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5211 Datasheet (PDF) - NXP Semiconductors

SA5211 Datasheet PDF - NXP Semiconductors
Part # SA5211
Download  SA5211 Download
File Size   172.71 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Transimpedance amplifier 180MHz

SA5211 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA5211 Datasheet PDF - NXP Semiconductors

Part # SA5211
Download  SA5211 Click to download

File Size   172.71 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Transimpedance amplifier 180MHz

SA5211 Datasheet (HTML) - NXP Semiconductors


SA5211 Product details

Description

The SA5211 is a 28 kΩtransimpedance, wide-band, low noise amplifier with differential outputs, particularly suitable for signal recovery in fiber optic receivers. The part is ideally suited for many other RF applications as a general purpose gain block.



Features

■Extremely low noise: 1.8 pA /√Hz

■Single 5 V supply

■Large bandwidth: 180 MHz

■Differential outputs

■Low input/output impedances

■High power supply rejection ratio

■28 kΩdifferential transresistance



Applications

■Fiber optic receivers, analog and digital

■Current-to-voltage converters

■Wide-band gain block

■Medical and scientific Instrumentation

■Sensor preamplifiers

■Single-ended to differential conversion

■Low noise RF amplifiers

■RF signal processing




Similar Part No. - SA5211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5212 PHILIPS-SA5212 Datasheet
186Kb / 20P
Transimpedance amplifier 140MHz
1998 Oct 07
SA5212A PHILIPS-SA5212A Datasheet
186Kb / 20P
Transimpedance amplifier 140MHz
1998 Oct 07
SA5212AD PHILIPS-SA5212AD Datasheet
186Kb / 20P
Transimpedance amplifier 140MHz
1998 Oct 07
SA5212AFE PHILIPS-SA5212AFE Datasheet
186Kb / 20P
Transimpedance amplifier 140MHz
1998 Oct 07
SA5212AN PHILIPS-SA5212AN Datasheet
186Kb / 20P
Transimpedance amplifier 140MHz
1998 Oct 07
More results


Similar Description - SA5211

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1.5
ATA01502D1C ANADIGICS-ATA01502D1C Datasheet
202Kb / 6P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1
ATA01504D1C ANADIGICS-ATA01504D1C Datasheet
224Kb / 6P
AGC TRANSIMPEDANCE AMPLIFIER
REV 0
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
TRANSIMPEDANCE AMPLIFIER
REV 1
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
180MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2160 INTERSIL-EL2160 Datasheet
280Kb / 14P
180MHz Current Feedback Amplifier
September 26, 2001
EL2002 INTERSIL-EL2002 Datasheet
222Kb / 8P
Low Power, 180MHz Buffer Amplifier
December 1995
logo
ANADIGICS, Inc
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
AGC Transimpedance Amplifier
Rev 1
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
Transimpedance Amplifier
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
Transimpedance Amplifier
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com