Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T491 Datasheet (PDF) - Kemet Corporation

T491 Datasheet PDF - Kemet Corporation
Part # T491
Download  T491 Download
File Size   402.95 Kbytes
Page   20 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description LOW PROFILE SURFACE MOUNT CAPACITORS

T491 Datasheet (PDF)

Go To PDF Page Download Datasheet
T491 Datasheet PDF - Kemet Corporation

Part # T491
Download  T491 Click to download

File Size   402.95 Kbytes
Page   20 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description LOW PROFILE SURFACE MOUNT CAPACITORS

T491 Datasheet (HTML) - Kemet Corporation


T491 Product details

PRODUCT DESCRIPTION
KEMET’s family of solid tantalum chip capacitors is designed and manufactured with the demanding requirements of surface mount technology in mind.
These devices extend the advantages of solid tantalum technology to today’s surface mount circuit applications. Complementing multilayer ceramic chip convenience with capacitance ratings through 1500 µF, tantalum chip capacitors permit circuitdesigners to take full advantage of the benefits of surface mount technology.

SOLID TANTALUM CHIP CAPACITORS
T491 SERIES - Precision Molded Chip

FEATURES
• Meets or Exceeds EIA Standard 535BAAC
• Taped and Reeled per EIA 481-1
• Symmetrical, Compliant Terminations
• Optional Gold-plated Terminations
• Laser-marked Case
• 100% Surge current test on C, D, E, U, V, X sizes
• Halogen Free Epoxy
• Capacitance: 0.1 μF to 1000 μF
• Tolerance: ±10%, ±20%
• Voltage: 2.5-50 VDC
• Extended Range Values
• Low Profile Case Sizes
• RoHS Compliance & Lead Free Terminations
   (See www.kemet.com for transition information)
• Operating Temperature: -55˚C to +125˚C




Similar Part No. - T491

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491 KEMET-T491 Datasheet
272Kb / 1P
Customer Change Notification Ta SMD MnO2 Evora Phase Out
T491 KEMET-T491 Datasheet
272Kb / 1P
Customer Change Notification Ta SMD MnO2 Evora Phase Out
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
Solid Tantalum Chip Capacitors for Surface Mount Applications
logo
Kemet Corporation
T491 KEMET-T491 Datasheet
462Kb / 4P
T491, Tantalum, MnO2 Tantalum, 1 uF, 20%, 25 VDC, SMD, MnO2, Molded, 5Ohms, 3528, 2.1mm
8/06/2024
T491 KEMET-T491 Datasheet
463Kb / 4P
T491 Auto, Tantalum, MnO2 Tantalum, 22 uF, 10%, 25 VDC, SMD, MnO2, Molded, Auto, AEC-Q200, 800 mOhms, 7343, 3.1mm
7/05/2024
More results


Similar Description - T491

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TQ-SMD NAIS-TQ-SMD Datasheet
107Kb / 5P
LOW-PROFILE SURFACE-MOUNT RELAY
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
miniature low profile Surface Mount
29/07/2006
logo
Illinois Capacitor, Inc...
105GAZ035M ILLINOISCAPACITOR-105GAZ035M Datasheet
412Kb / 2P
105째C Low Impedance, Low Profile Surface Mount Chip Aluminum Electrolytic Capacitors
logo
Kemet Corporation
F9078 KEMET-F9078 Datasheet
102Kb / 2P
Surface Mount Ceramic Chip Capacitors ??Low Profile MLCC
logo
ALPS ELECTRIC CO.,LTD.
SKSH ALPS-SKSH Datasheet
779Kb / 3P
Low-profile (Surface Mount Type)
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
Low Profile Surface Mount Inductors
logo
Sangdest Microelectroni...
TPK07KPXX SMC-TPK07KPXX Datasheet
209Kb / 5P
Low profile surface mount
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
Low Profile Surface Mount Inductors
logo
Abracon Corporation
ABLSX ABRACON-ABLSX Datasheet
544Kb / 1P
LOW PROFILE SURFACE MOUNT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com