Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA575 Datasheet (PDF) - NXP Semiconductors

SA575 Datasheet PDF - NXP Semiconductors
Part # SA575
Download  SA575 Download
File Size   102.15 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low voltage compandor

SA575 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA575 Datasheet PDF - NXP Semiconductors

Part # SA575
Download  SA575 Click to download

File Size   102.15 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low voltage compandor

SA575 Datasheet (HTML) - NXP Semiconductors


SA575 Product details

DESCRIPTION
The SA575 is a precision dual gain control circuit designed for low voltage applications. The SA575’s channel 1 is an expandor, while channel 2 can be configured either for expandor, compressor, or automatic level controller (ALC) application.

FEATURES
• Operating voltage range from 3V to 7V
• Reference voltage of 100mVRMS= 0dB
• One dedicated summing op amp per channel and two extra uncommitted op amps
• 600Ω drive capability
• Single or split supply operation
• Wide input/output swing capability
• 3000V ESD protection

APPLICATIONS
• Portable communications
• Cellular radio
• Cordless telephone
• Consumer audio




Similar Part No. - SA575

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA575 ONSEMI-SA575 Datasheet
126Kb / 16P
Low Voltage Compandor
September, 2006 ??Rev. 3
logo
NXP Semiconductors
SA5752 PHILIPS-SA5752 Datasheet
114Kb / 13P
Audio processor - companding, VOX and amplifier section
1997 Nov 07
SA5752D PHILIPS-SA5752D Datasheet
398Kb / 8P
Audio processor-companding, VOX and amplifier section
June 4 1992
SA5752DK PHILIPS-SA5752DK Datasheet
114Kb / 13P
Audio processor - companding, VOX and amplifier section
1997 Nov 07
SA5752DK PHILIPS-SA5752DK Datasheet
398Kb / 8P
Audio processor-companding, VOX and amplifier section
June 4 1992
More results


Similar Description - SA575

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA576 PHILIPS-SA576 Datasheet
77Kb / 7P
Low power compandor
1997 Aug 14
logo
TOKO, Inc
TK10651 TOKO-TK10651 Datasheet
124Kb / 12P
LOW VOLTAGE COMPANDOR
logo
Sanyo Semicon Device
LA8630 SANYO-LA8630 Datasheet
133Kb / 6P
Low Voltage and Current Dissipation Compandor IC
logo
NXP Semiconductors
NE576 PHILIPS-NE576 Datasheet
102Kb / 3P
Low Power Compandor
December 1993
logo
ON Semiconductor
SA575 ONSEMI-SA575 Datasheet
126Kb / 16P
Low Voltage Compandor
September, 2006 ??Rev. 3
SA575DTBR2G ONSEMI-SA575DTBR2G Datasheet
132Kb / 16P
Low Voltage Compandor
September, 2006 ??Rev. 3
SA575DTBG ONSEMI-SA575DTBG Datasheet
132Kb / 16P
Low Voltage Compandor
September, 2006 ??Rev. 3
logo
Unisonic Technologies
USA575 UTC-USA575 Datasheet
230Kb / 7P
LOW VOLTAGE COMPANDOR
logo
ON Semiconductor
LA8630MC ONSEMI-LA8630MC Datasheet
197Kb / 8P
Low Voltage and Current Dissipation Compandor IC
January 2016 - Rev. 0
logo
Unisonic Technologies
USA575 UTC-USA575_16 Datasheet
232Kb / 7P
LOW VOLTAGE COMPANDOR
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com