Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV0020 Datasheet (PDF) - Monolithic Power Systems

EV0020 Datasheet PDF - Monolithic Power Systems
Part # EV0020
Download  EV0020 Download
File Size   203.09 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 32V, 330KHz Step-Down Converter

EV0020 Datasheet (PDF)

Go To PDF Page Download Datasheet
EV0020 Datasheet PDF - Monolithic Power Systems

Part # EV0020
Download  EV0020 Click to download

File Size   203.09 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 32V, 330KHz Step-Down Converter

EV0020 Datasheet (HTML) - Monolithic Power Systems


EV0020 Product details

DESCRIPTION
The MP1591 is a high voltage step-down converter ideal for automotive power adapter battery chargers. Its wide 6.5V to 32V input voltage range covers the automotive battery’s requirements and it achieves 2A continuous output for quick charge capability.
Current mode operation provides fast transient response and eases loop stabilization. Fault protection includes cycle-by-cycle current limiting and thermal shutdown. In shutdown mode, the converter draws only 20µA of supply current.

FEATURES
• Wide 6.5V to 32V Input Operating Range
• 34V Absolute Maximum Input
• 2A Output Current
• 120mΩ Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic Capacitors
• Up to 95% Efficiency
• 20µA Shutdown Mode
• Fixed 330KHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Output Adjustable From 1.23V to 21V
• Under Voltage Lockout
• Reference Voltage Output
• Available in 8-Pin SOIC Packages

APPLICATIONS
• Automotive Power Adapters
• PDA and Cellular Phone Battery Chargers
• Distributed Power Systems
• Automotive Aftermarket Electronics




Similar Part No. - EV0020

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0020 MPS-EV0020 Datasheet
254Kb / 11P
2A, 32V, 330KHz Step-Down Converter
More results


Similar Description - EV0020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1591 ETC2-MP1591 Datasheet
229Kb / 10P
2A, 32V, 330KHz Step-Down Converter
logo
Monolithic Power System...
MP1591 MPS-MP1591 Datasheet
229Kb / 10P
2A, 32V, 330KHz Step-Down Converter
MP1591 MPS-MP1591_06 Datasheet
254Kb / 11P
2A, 32V, 330KHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153 Datasheet
692Kb / 20P
2A Step-Down Converter
AAT1153 ANALOGICTECH-AAT1153_08 Datasheet
685Kb / 19P
2A Step-Down Converter
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
logo
Skyworks Solutions Inc.
AAT1153 SKYWORKS-AAT1153 Datasheet
1Mb / 19P
2A Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1519 TECHCODE-TD1519 Datasheet
939Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
TD1519A TECHCODE-TD1519A Datasheet
946Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP2374 MPS-MP2374 Datasheet
312Kb / 11P
6.5V-32V Input, 1A, 330kHz Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com