Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV0060 Datasheet (PDF) - Monolithic Power Systems

EV0060 Datasheet PDF - Monolithic Power Systems
Part # EV0060
Download  EV0060 Download
File Size   207.85 Kbytes
Page   5 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.2A, 6V, 800KHz Synchronous Rectified Step-Down Converter

EV0060 Datasheet (PDF)

Go To PDF Page Download Datasheet
EV0060 Datasheet PDF - Monolithic Power Systems

Part # EV0060
Download  EV0060 Click to download

File Size   207.85 Kbytes
Page   5 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.2A, 6V, 800KHz Synchronous Rectified Step-Down Converter

EV0060 Datasheet (HTML) - Monolithic Power Systems


EV0060 Product details

GENERAL DESCRIPTION
The EV0060 is an evaluation board for the MP1567, a 1.2A, 800KHz DC to DC converter designed for low voltage applications requiring high efficiency. Capable of providing output voltages as low as 0.9V from a 3.3V supply voltage, the MP1567 eliminates the need for a 5V rail, providing over 90% efficiency via synchronous rectification and eliminating heat issues in confined spaces. Soft-start operation protects internal circuitry from hard turn on issues. Switching at 800KHz reduces the size of external components and thereby reduces board space.

FEATURES
• 1.2A Output Current
• Synchronous Rectified
• Internal 180mΩ and 220mΩ Power Switches
• VIN Range of 2.6V to 6V
• Over 90% Efficiency
• Zero Current Shutdown Mode
• Under Voltage Lockout Protection
• Soft-Start Operation
• Thermal Shutdown
• Internal Current Limit (Source & Sink)
• Tiny 10-Pin QFN Package

APPLICATIONS
• SOHO Routers, PCMCIA Cards, Mini PCI
• Handheld Computers, PDAs
• Cell Phones
• Digital Video Cameras
• Small LCD Displays




Similar Part No. - EV0060

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0060 MPS-EV0060 Datasheet
302Kb / 11P
1.2A Synchronous Rectified Step-Down Converter
More results


Similar Description - EV0060

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0033 MPS-EV0033 Datasheet
217Kb / 5P
1.2A, 6V, 800KHz Synchronous Rectified Step-Down Converter
MP1567 MPS-MP1567 Datasheet
302Kb / 11P
1.2A Synchronous Rectified Step-Down Converter
logo
Richtek Technology Corp...
RT7247C RICHTEK-RT7247C Datasheet
277Kb / 15P
2A, 18V, 800kHz Synchronous Step-Down Converter
RT7257G RICHTEK-RT7257G Datasheet
277Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
RT7297C RICHTEK-RT7297C Datasheet
289Kb / 15P
3A, 18V, 800kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MPM3810 MPS-MPM3810 Datasheet
902Kb / 17P
6V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor
logo
Unisonic Technologies
P1482 UTC-P1482_17 Datasheet
233Kb / 5P
SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484 UTC-P1484_17 Datasheet
254Kb / 5P
SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD2776B TECHCODE-TD2776B Datasheet
935Kb / 14P
22V Synchronous Rectified Step-Down Converter
logo
ARTSCHIP ELECTRONICS CO...
MP1482 ARTSCHIP-MP1482 Datasheet
2Mb / 10P
Synchronous Rectified Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com