Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAR30-LED120V Datasheet (PDF) - List of Unclassifed Manufacturers

PAR30-LED120V Datasheet PDF - List of Unclassifed Manufacturers
Part # PAR30-LED120V
Download  PAR30-LED120V Download
File Size   515.99 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Superbright LED Retrofit Lamp

PAR30-LED120V Datasheet (PDF)

Go To PDF Page Download Datasheet
PAR30-LED120V Datasheet PDF - List of Unclassifed Manufacturers

Part # PAR30-LED120V
Download  PAR30-LED120V Click to download

File Size   515.99 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Superbright LED Retrofit Lamp

PAR30-LED120V Datasheet (HTML) - List of Unclassifed Manufacturers


PAR30-LED120V Product details

Features:
• 10W LED lamp designed as high quality replacement
of 60W halogen PAR30 lamps
• Dimmable 20-100%
• 25,000 hours rated life
• Suitable for indoor environments
• Available in 2,800K and 3,000K CCT with 80CRI
• Power factor 0.95
• Reduces energy consumption up to 80%
• Lasts 33 times longer than halogen lamps
• Mercury free
• UV and IR free
• UL File No. : E356190
Application Information
Where does it used
• Art galleries and Museums
• Hospitality
• Residential
• Shopping Mall
Applications
• Accent / Display Lighting
• Recessed Downlighting
• Showing Lighting
• Landscape Lighting
Notes
• Operating temperature range between -20°C and +50°C
• Suitable for dimmers or in luminaires controlled by a dimmer
• Not intended for use with emergency light fixtures
• Not for use where exposed to weather
• Not for use in totally enclosed and insulated fixtures




Similar Part No. - PAR30-LED120V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAR30X-010-3000 ETC2-PAR30X-010-3000 Datasheet
331Kb / 5P
10W PAR30 3 LEDs High Power LED Lamp
More results


Similar Description - PAR30-LED120V

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
VAOL-3GSBY4 VCC-VAOL-3GSBY4 Datasheet
371Kb / 3P
SUPERBRIGHT LED LAMP
VAOL-3GWY4 VCC-VAOL-3GWY4 Datasheet
379Kb / 3P
SUPERBRIGHT LED LAMP
VAOL-3LSBY1 VCC-VAOL-3LSBY1 Datasheet
378Kb / 3P
SUPERBRIGHT LED LAMP
VAOL-3LWY4 VCC-VAOL-3LWY4 Datasheet
389Kb / 3P
SUPERBRIGHT LED LAMP
VAOL-5GAE4 VCC-VAOL-5GAE4 Datasheet
586Kb / 3P
SUPERBRIGHT LED LAMP
VAOL-5GCE4 VCC-VAOL-5GCE4 Datasheet
623Kb / 3P
SUPERBRIGHT LED LAMP
VAOL-5LSBY2 VCC-VAOL-5LSBY2 Datasheet
632Kb / 3P
SUPERBRIGHT LED LAMP
VAOL-5MWY2 VCC-VAOL-5MWY2 Datasheet
604Kb / 3P
SUPERBRIGHT LED LAMP
VAOL-5701SBY4 VCC-VAOL-5701SBY4 Datasheet
626Kb / 3P
SUPERBRIGHT LED LAMP
VAOL-5701WY4 VCC-VAOL-5701WY4 Datasheet
615Kb / 3P
SUPERBRIGHT LED LAMP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com