Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2351 Datasheet (PDF) - Monolithic Power Systems

MP2351 Datasheet PDF - Monolithic Power Systems
Part # MP2351
Download  MP2351 Download
File Size   205.2 Kbytes
Page   3 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 4.75V to 23V Input, 1.5A Output Step-Down DC/DC Converter

MP2351 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2351 Datasheet PDF - Monolithic Power Systems

Part # MP2351
Download  MP2351 Click to download

File Size   205.2 Kbytes
Page   3 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 4.75V to 23V Input, 1.5A Output Step-Down DC/DC Converter

MP2351 Datasheet (HTML) - Monolithic Power Systems


MP2351 Product details

DESCRIPTION

The MP2351 is a monolithic step down switch mode converter with a built in internal power MOSFET. It achieves 1.5A continuous output current over a wide input supply range with excellent load and line regulation.

Current mode operation provides fast transient response and eases loop stabilization.

Fault condition protection includes cycle-by-cycle current limiting, short circuit frequency foldback and thermal shutdown. In shutdown mode the regulator draws 20µA of supply current.

The MP2351 requires a minimum number of readily available standard external components



FEATURES

• 1.5A Output Current

• 0.18Ω Internal Power MOSFET Switch

• Stable with Low ESR Output Ceramic Capacitors

• Up to 93% Efficiency

• 20µA Shutdown Mode

• Fixed 1.4MHz Frequency

• Thermal Shutdown

• Cycle-by-Cycle Over Current Protection

• Wide 4.75V to 23V Operating Input Range

• Output Adjustable from 1.23V to 16V

• Programmable Under Voltage Lockout

• Frequency Synchronization Input

• Available in QFN (3mm x 3mm) and tiny 10-Pin MSOP Packages

• Evaluation Board Available



APPLICATIONS

• Distributed Power Systems

• Battery Charger

• DSL Modems

• Pre-Regulator for Linear Regulators



 




Similar Part No. - MP2351

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2351 MPS-MP2351 Datasheet
187Kb / 8P
1.5A, 23V, 1.4MHz Step-Down Converter
MP2351DK MPS-MP2351DK Datasheet
187Kb / 8P
1.5A, 23V, 1.4MHz Step-Down Converter
MP2351DQ MPS-MP2351DQ Datasheet
187Kb / 8P
1.5A, 23V, 1.4MHz Step-Down Converter
More results


Similar Description - MP2351

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1593DN-00A MPS-EV1593DN-00A Datasheet
257Kb / 5P
4.75V to 28V Input, Up to 3A Output Step-Down DC/DC Converter
EV2354DS-00A MPS-EV2354DS-00A Datasheet
186Kb / 4P
4.75V to 23V IN, 2A OUT, 380KHz Step-Down DC/DC Converter
EV2355DN-00A MPS-EV2355DN-00A Datasheet
190Kb / 4P
4.75V to 23V In, 3A Out Step-Down DC/DC Converter
MP2351 MPS-MP2351 Datasheet
187Kb / 8P
1.5A, 23V, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1162 ANALOGICTECH-AAT1162_08 Datasheet
1Mb / 18P
12V, 1.5A Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
1.5MHz, 1.5A, Step-down DC-DC Converter
logo
Skyworks Solutions Inc.
AAT1162 SKYWORKS-AAT1162 Datasheet
2Mb / 19P
12V, 1.5A Step-Down DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN32 SIGE-AATIAN32 Datasheet
3Mb / 8P
12V,1.5A Step-Down DC/DC Converter
logo
Analog Intergrations Co...
AIC2565 AIC-AIC2565 Datasheet
399Kb / 13P
23V 3A Step-Down DC/DC Converter
AIC2566 AIC-AIC2566 Datasheet
400Kb / 13P
23V 3A Step-Down DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com