Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM100N60DFV Datasheet (PDF) - Rectron Semiconductor

RM100N60DFV Datasheet PDF - Rectron Semiconductor
Part # RM100N60DFV
Download  RM100N60DFV Download
File Size   224.17 Kbytes
Page   6 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

RM100N60DFV Datasheet (PDF)

Go To PDF Page Download Datasheet
RM100N60DFV Datasheet PDF - Rectron Semiconductor

Part # RM100N60DFV
Download  RM100N60DFV Click to download

File Size   224.17 Kbytes
Page   6 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mode Power MOSFET

RM100N60DFV Datasheet (HTML) - Rectron Semiconductor


RM100N60DFV Product details

Description
The RM100N60DFV uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications.

General Feature
VDS =65V,ID =95A
RDS(ON) < 4.6mΩ @ VGS=10V (Typ:3.8mΩ)
Special process technology for high ESD capability
High density cell design for ultra low Rdson
Fully characterized Avalanche voltage and current
Good stability and uniformity with high EAS
Excellent package for good heat dissipation
RDS(ON) < 7mΩ @ VGS=4.5V (Typ:5.6mΩ)

Application
Power switching application
Hard switched and high frequency circuits
Uninterruptible power supply
Halogen-free
P/N suffix V means AEC-Q101 qualified, e.g:RM100N60DFV




Similar Part No. - RM100N60DFV

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM100N60DF RECTRON-RM100N60DF Datasheet
158Kb / 6P
N-Channel Enhancement Mode Power MOSFET
2020-11/15 REV:A
More results


Similar Description - RM100N60DFV

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com