Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM110N150T2 Datasheet (PDF) - Rectron Semiconductor

RM110N150T2 Datasheet PDF - Rectron Semiconductor
Part # RM110N150T2
Download  RM110N150T2 Download
File Size   1483.73 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Super Trench Power MOSFET

RM110N150T2 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM110N150T2 Datasheet PDF - Rectron Semiconductor

Part # RM110N150T2
Download  RM110N150T2 Click to download

File Size   1483.73 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Super Trench Power MOSFET

RM110N150T2 Datasheet (HTML) - Rectron Semiconductor


RM110N150T2 Product details

Description
The RM110N150T2 uses Super Trench technology that is
uniquely optimized to provide the most efficient high frequency
switching performance. Both conduction and switching power
losses are minimized due to an extremely low combination of
RDS(ON) and Qg. This device is ideal for high-frequency
switching and synchro nous rectification.

General Features
VDS =150V,ID =110A
RDS(ON) <12mÙ @ VGS=10V
Excellent gate charge x RDS(on) product(FOM)
Very low on-resistance RDS(on)
175 °C operating temperature
Pb-free lead plating
100% UIS tested
Halogen-free
RDS(ON) <15mÙ @ VGS=6 V




Similar Part No. - RM110N150T2

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM110N150HD RECTRON-RM110N150HD Datasheet
316Kb / 7P
N-Channel Super Trench Power MOSFET
More results


Similar Description - RM110N150T2

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM185N30DF RECTRON-RM185N30DF Datasheet
245Kb / 6P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Foster Semicon...
FIR150N10PG FOSTER-FIR150N10PG Datasheet
1Mb / 7P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Huazhimei Semi...
HMS20N15K HMSEMI-HMS20N15K Datasheet
500Kb / 7P
N-Channel Super Trench Power MOSFET
HMS4296B HMSEMI-HMS4296B Datasheet
489Kb / 6P
N-Channel Super Trench Power MOSFET
HMS150N06D HMSEMI-HMS150N06D Datasheet
596Kb / 7P
N-Channel Super Trench Power MOSFET
HMS110N15 HMSEMI-HMS110N15 Datasheet
527Kb / 7P
N-Channel Super Trench Power MOSFET
HMS65N03Q HMSEMI-HMS65N03Q Datasheet
524Kb / 5P
N-Channel Super Trench Power MOSFET
HMS80N15 HMSEMI-HMS80N15 Datasheet
615Kb / 6P
N-Channel Super Trench Power MOSFET
HMS4240 HMSEMI-HMS4240 Datasheet
733Kb / 7P
N-Channel Super Trench Power MOSFET
logo
Shanghai Leiditech Elec...
LMPC100N20 LEIDITECH-LMPC100N20 Datasheet
770Kb / 6P
N-Channel Super Trench Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com