Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2354 Datasheet (PDF) - Monolithic Power Systems

MP2354 Datasheet PDF - Monolithic Power Systems
Part # MP2354
Download  MP2354 Download
File Size   186.38 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 4.75V to 23V IN, 2A OUT, 380KHz Step-Down DC/DC Converter

MP2354 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2354 Datasheet PDF - Monolithic Power Systems

Part # MP2354
Download  MP2354 Click to download

File Size   186.38 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 4.75V to 23V IN, 2A OUT, 380KHz Step-Down DC/DC Converter

MP2354 Datasheet (HTML) - Monolithic Power Systems


MP2354 Product details

DESCRIPTION

The MP2354 is a monolithic step down switch mode converter with a built in internal power MOSFET. It achieves 2A continuous output current over a wide input supply range with excellent load and line regulation.

Current mode operation provides fast transient response and eases loop stabilization. Fault condition protection includes cycle-by-cycle current limiting and thermal shutdown. In shutdown mode the regulator draws 20µA of supply current.



FEATURES

• 0.18Ω Internal Power MOSFET Switch

• Stable with Low ESR Output Ceramic Capacitors

• Up to 95% Efficiency

• 2A Output Current

• Wide 4.75V to 23V Operating Input Range

• Fixed 380KHz Frequency

• Thermal Shutdown

• Cycle-by-Cycle Over Current Protection

• Programmable Under Voltage Lockout

• Frequency Synchronization Input

• Operating Temperature: –40°C to +85°C

• Available in an 8-Pin SO Package



APPLICATIONS

• Distributed Power Systems

• Battery Chargers

• Pre-Regulator for Linear Regulators



 




Similar Part No. - MP2354

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2354 MPS-MP2354 Datasheet
243Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2354 MPS-MP2354 Datasheet
234Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2354DS MPS-MP2354DS Datasheet
243Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2354DS MPS-MP2354DS Datasheet
234Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2354 MPS-MP2354_06 Datasheet
234Kb / 10P
2A, 23V, 380KHz Step-Down Converter
More results


Similar Description - MP2354

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2305DS-00A MPS-EV2305DS-00A Datasheet
208Kb / 3P
4.75V to 23V IN, 2A OUT Synchronous Buck Converter
EV2351DQ-00A MPS-EV2351DQ-00A Datasheet
205Kb / 3P
4.75V to 23V Input, 1.5A Output Step-Down DC/DC Converter
EV2355DN-00A MPS-EV2355DN-00A Datasheet
190Kb / 4P
4.75V to 23V In, 3A Out Step-Down DC/DC Converter
MP2354 MPS-MP2354 Datasheet
243Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2354 MPS-MP2354_06 Datasheet
234Kb / 10P
2A, 23V, 380KHz Step-Down Converter
logo
Feeling Technology Corp...
FP6181 FEELING-FP6181 Datasheet
410Kb / 14P
2A, 23V, 380KHz Step-Down Converter
FP6182 FEELING-FP6182 Datasheet
618Kb / 13P
2A, 23V, 380KHz Step-Down Converter
FP6185 FEELING-FP6185 Datasheet
419Kb / 14P
2A, 23V, 380KHz Step-Down Converter
logo
Fitipower Integrated Te...
FR9710 FITIPOWER-FR9710 Datasheet
959Kb / 12P
23V, 2A, 380KHz Asynchronous Step-Down DC/DC Converter
FR9723 FITIPOWER-FR9723 Datasheet
504Kb / 9P
23V, 3A, 380KHz Asynchronous Step-Down DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com