Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM150N40DFV Datasheet (PDF) - Rectron Semiconductor

RM150N40DFV Datasheet PDF - Rectron Semiconductor
Part # RM150N40DFV
Download  RM150N40DFV Download
File Size   2292.01 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Super Trench Power MOSFET

RM150N40DFV Datasheet (PDF)

Go To PDF Page Download Datasheet
RM150N40DFV Datasheet PDF - Rectron Semiconductor

Part # RM150N40DFV
Download  RM150N40DFV Click to download

File Size   2292.01 Kbytes
Page   7 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Super Trench Power MOSFET

RM150N40DFV Datasheet (HTML) - Rectron Semiconductor


RM150N40DFV Product details

Description
The RM150N40DFV uses
Super Trench technology that is
uniquely optimized to provide the most efficient high
frequency switching performance. Both conduction and
switching power losses are minimized due to an extremely
low combination of RDS(ON) and Qg. This device is ideal for
high-frequency switching and synchronous rectification.

General Features
VDS =40V,ID =150A
Excellent gate charge x RDS(on) product(FOM)
Very low on-resistance RDS(on)
175 °C operating temperature
Pb-free lead plating
100% UIS tested
RDS(ON)=1.6mÙ (typical) @ VGS=10V
RDS(ON)=2.2mÙ (typical) @ VGS=4.5V




Similar Part No. - RM150N40DFV

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM150N40DF RECTRON-RM150N40DF Datasheet
240Kb / 6P
N-Channel Super Trench Power MOSFET
More results


Similar Description - RM150N40DFV

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM185N30DF RECTRON-RM185N30DF Datasheet
245Kb / 6P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Foster Semicon...
FIR150N10PG FOSTER-FIR150N10PG Datasheet
1Mb / 7P
N-Channel Super Trench Power MOSFET
logo
Shenzhen Huazhimei Semi...
HMS20N15K HMSEMI-HMS20N15K Datasheet
500Kb / 7P
N-Channel Super Trench Power MOSFET
HMS4296B HMSEMI-HMS4296B Datasheet
489Kb / 6P
N-Channel Super Trench Power MOSFET
HMS150N06D HMSEMI-HMS150N06D Datasheet
596Kb / 7P
N-Channel Super Trench Power MOSFET
HMS110N15 HMSEMI-HMS110N15 Datasheet
527Kb / 7P
N-Channel Super Trench Power MOSFET
HMS65N03Q HMSEMI-HMS65N03Q Datasheet
524Kb / 5P
N-Channel Super Trench Power MOSFET
HMS80N15 HMSEMI-HMS80N15 Datasheet
615Kb / 6P
N-Channel Super Trench Power MOSFET
HMS4240 HMSEMI-HMS4240 Datasheet
733Kb / 7P
N-Channel Super Trench Power MOSFET
logo
Shanghai Leiditech Elec...
LMPC100N20 LEIDITECH-LMPC100N20 Datasheet
770Kb / 6P
N-Channel Super Trench Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com