Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2N7002K Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

A2N7002K Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd
Part # A2N7002K
Download  A2N7002K Download
File Size   361.63 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE Automotive N-Channel Enhancement Mode Power MOSFET

A2N7002K Datasheet (PDF)

Go To PDF Page Download Datasheet
A2N7002K Datasheet PDF - Wuxi NCE Power Semiconductor Co., Ltd

Part # A2N7002K
Download  A2N7002K Click to download

File Size   361.63 Kbytes
Page   7 Pages
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd
Description NCE Automotive N-Channel Enhancement Mode Power MOSFET

A2N7002K Datasheet (HTML) - Wuxi NCE Power Semiconductor Co., Ltd


A2N7002K Product details

General Features
● VDS = 60V,ID = 0.3A
RDS(ON) < 3Ω @ VGS=4.5V
RDS(ON) < 2.2Ω @ VGS=10V
● High power and current handing capability
● Lead free product is acquired
● Surface mount package
● ESD Rating:HBM ≥1500V
● AEC-Q101 qualified

Application
● Automotive application
● Direct logic-level interface: TTL/CMOS
● Drivers: relays, solenoids, lamps, hammers,display,
memories, transistors, etc.
● Battery operated systems
● Solid-state relays




Similar Part No. - A2N7002K

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
A2N7002H-HF COMCHIP-A2N7002H-HF Datasheet
481Kb / 5P
MOSFET
REV:A
A2N7002HL-HF COMCHIP-A2N7002HL-HF Datasheet
484Kb / 5P
MOSFET
REV:A
A2N7002HT-HF COMCHIP-A2N7002HT-HF Datasheet
483Kb / 5P
MOSFET
REV:A
A2N7002HW-HF COMCHIP-A2N7002HW-HF Datasheet
500Kb / 5P
MOSFET
REV:A
More results


Similar Description - A2N7002K

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE01H16 NCEPOWER-NCE01H16 Datasheet
369Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE70H13 NCEPOWER-NCE70H13 Datasheet
407Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1490 NCEPOWER-NCE1490 Datasheet
375Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1530KC NCEPOWER-NCE1530KC Datasheet
419Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com