Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069316 Datasheet (PDF) - PHOENIX CONTACT

1069316 Datasheet PDF - PHOENIX CONTACT
Part # 1069316
Download  1069316 Download
File Size   571.43 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M23-12P2N8A8004 - Cable connector

1069316 Datasheet (PDF)

Go To PDF Page Download Datasheet
1069316 Datasheet PDF - PHOENIX CONTACT

Part # 1069316
Download  1069316 Click to download

File Size   571.43 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M23-12P2N8A8004 - Cable connector

1069316 Datasheet (HTML) - PHOENIX CONTACT


1069316 Product details

M23, Cable connector, series: M23 PRO, straight, shielded: yes, Screw locking mechanism, No.
of pos.: 12, Direction of rotation: Counter direction, contact connection type: Pin, Crimp
connection, cable diameter range: 9 mm ... 15 mm, coding: N, Item is lead-free in accordance
with RoHS II without Exemption 6c (Pb < 0.1 %)

Your advantages
• Solutions with cross-manufacturer compatibility for standard and fast locking systems
• Reliable under the harshest conditions: cable connectors with vibration brake
• Modern, consistent design for highly convenient operation
• Easy, cost-effective cable assembly: uniform shielding of M17 to M40




Similar Part No. - 1069316

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1069311 PHOENIX-1069311 Datasheet
630Kb / 16P
M23-12S2N8A8003 - Cable connector
1069312 PHOENIX-1069312 Datasheet
633Kb / 17P
M23-12S2N8A8004 - Cable connector
1069313 PHOENIX-1069313 Datasheet
633Kb / 17P
M23-12S2N8A80DU - Cable connector
1069314 PHOENIX-1069314 Datasheet
356Kb / 8P
M23-12P2N8A8002 - Cable connector
1069315 PHOENIX-1069315 Datasheet
569Kb / 16P
M23-12P2N8A8003 - Cable connector
More results


Similar Description - 1069316

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1629176 PHOENIX-1629176 Datasheet
354Kb / 7P
Cable connector - M23-07P1N8A80DUS
02/04/2022
1629204 PHOENIX-1629204 Datasheet
377Kb / 8P
Cable connector - M23-17S1N8A80DU
02/04/2022
1629208 PHOENIX-1629208 Datasheet
380Kb / 8P
Cable connector - M23-12P1N8A80DU
02/04/2022
1629192 PHOENIX-1629192 Datasheet
537Kb / 16P
M23-1RP1N8A80DU - Cable connector
1628814 PHOENIX-1628814 Datasheet
520Kb / 14P
M23-7ES198A8023S - Cable connector
1628847 PHOENIX-1628847 Datasheet
514Kb / 14P
M23-7EP198A8LDLS - Cable connector
1629162 PHOENIX-1629162 Datasheet
617Kb / 16P
M23-12P1N8A8003S - Cable connector
1629166 PHOENIX-1629166 Datasheet
635Kb / 17P
M23-12S1N8A8003S - Cable connector
1629187 PHOENIX-1629187 Datasheet
521Kb / 14P
M23-06S1N8A8002S - Cable connector
1629206 PHOENIX-1629206 Datasheet
641Kb / 18P
M23-17S1N8A8003 - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com