Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR16V564IL Datasheet (PDF) - Exar Corporation

XR16V564IL Datasheet PDF - Exar Corporation
Part # XR16V564IL
Download  XR16V564IL Download
File Size   1050.41 Kbytes
Page   55 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO

XR16V564IL Datasheet (PDF)

Go To PDF Page Download Datasheet
XR16V564IL Datasheet PDF - Exar Corporation

Part # XR16V564IL
Download  XR16V564IL Click to download

File Size   1050.41 Kbytes
Page   55 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO

XR16V564IL Datasheet (HTML) - Exar Corporation




Similar Part No. - XR16V564IL

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V564IL EXAR-XR16V564IL Datasheet
1Mb / 55P
2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
More results


Similar Description - XR16V564IL

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16V554 EXAR-XR16V554 Datasheet
837Kb / 45P
2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V654 EXAR-XR16V654 Datasheet
1Mb / 58P
2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V794 EXAR-XR16V794 Datasheet
1Mb / 53P
HIGH PERFORMANCE 2.25V TO 3.6V QUAD UART WITH FRACTIONAL
XR16M564 EXAR-XR16M564 Datasheet
1Mb / 55P
1.62V TO 3.63V QUAD UART WITH 32-BYTE FIFO
XR16V554 EXAR-XR16V554_07 Datasheet
847Kb / 45P
2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V564 EXAR-XR16V564_07 Datasheet
1Mb / 55P
2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V598 EXAR-XR16V598 Datasheet
1Mb / 58P
2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
XR16V654_0709 EXAR-XR16V654_0709 Datasheet
1Mb / 58P
2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V698 EXAR-XR16V698 Datasheet
1Mb / 58P
2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com