Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA604A Datasheet (PDF) - NXP Semiconductors

SA604A Datasheet PDF - NXP Semiconductors
Part # SA604A
Download  SA604A Download
File Size   140.87 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High performance low power FM IF system

SA604A Datasheet (PDF)

Go To PDF Page Download Datasheet
SA604A Datasheet PDF - NXP Semiconductors

Part # SA604A
Download  SA604A Click to download

File Size   140.87 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High performance low power FM IF system

SA604A Datasheet (HTML) - NXP Semiconductors


SA604A Product details

DESCRIPTION

The SA604A is an improved monolithic low-power FM IF system incorporating two limiting intermediate frequency amplifiers, quadrature detector, muting, logarithmic received signal strength indicator, and voltage regulator. The SA604A features higher IF bandwidth (25MHz) and temperature compensated RSSI and limiters permitting higher performance application compared with the SA604. The SA604A is available in a 16-lead SO (surface-mounted miniature) package.



FEATURES

• Low power consumption: 3.3mA typical

• Temperature compensated logarithmic Received Signal Strength Indicator (RSSI) with a dynamic range in excess of 90dB

• Two audio outputs - muted and unmuted

• Low external component count; suitable for crystal/ceramic filters

• Excellent sensitivity: 1.5µV across input pins (0.22µV into 50Ω matching network) for 12dB SINAD (Signal to Noise and Distortion ratio) at 455kHz

• SA604A meets cellular radio specifications



APPLICATIONS

• Cellular radio FM IF

• High performance communications receivers

• Intermediate frequency amplification and detection up to 25MHz

• RF level meter

• Spectrum analyzer

• Instrumentation

• FSK and ASK data receivers




Similar Part No. - SA604A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA604A PHILIPS-SA604A Datasheet
127Kb / 10P
High performance low power FM IF system
1994 Dec 15
SA604A PHILIPS-SA604A Datasheet
156Kb / 13P
High performance low power FM IF system
1997 Nov 07
SA604AD01 PHILIPS-SA604AD01 Datasheet
156Kb / 13P
High performance low power FM IF system
1997 Nov 07
SA604A PHILIPS-SA604A_15 Datasheet
1Mb / 31P
High-performance low-power FM IF system
Rev. 4.1-30 March 2015
More results


Similar Description - SA604A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA605 PHILIPS-SA605 Datasheet
122Kb / 13P
High performance low power mixer FM IF system
1997 Nov 07
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
Low-voltage high performance mixer FM IF system
1997 Nov 07
SA615 PHILIPS-SA615 Datasheet
159Kb / 14P
High performance low power mixer FM IF system
1997 Nov 07
NE605 PHILIPS-NE605 Datasheet
479Kb / 8P
HIGH PERFORMANCE LOW POWER MIXER FM IF SYSTEM
November 1992
NE604A PHILIPS-NE604A Datasheet
127Kb / 10P
High performance low power FM IF system
1994 Dec 15
SA604AD01 PHILIPS-SA604AD01 Datasheet
156Kb / 13P
High performance low power FM IF system
1997 Nov 07
SA604A PHILIPS-SA604A_15 Datasheet
1Mb / 31P
High-performance low-power FM IF system
Rev. 4.1-30 March 2015
SA605 PHILIPS-SA605_15 Datasheet
531Kb / 25P
High performance low power mixer FM IF system
Rev. 5-14 November 2014
SA615 PHILIPS-SA615_15 Datasheet
533Kb / 26P
High performance low power mixer FM IF system
Rev. 4-14 November 2014
SA605 NXP-SA605 Datasheet
531Kb / 25P
High performance low power mixer FM IF system
Rev. 5-14 November 2014
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com