Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA612AN Datasheet (PDF) - NXP Semiconductors

SA612AN Datasheet PDF - NXP Semiconductors
Part # SA612AN
Download  SA612AN Download
File Size   110.09 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Double-balanced mixer and oscillator

SA612AN Datasheet (PDF)

Go To PDF Page Download Datasheet
SA612AN Datasheet PDF - NXP Semiconductors

Part # SA612AN
Download  SA612AN Click to download

File Size   110.09 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Double-balanced mixer and oscillator

SA612AN Datasheet (HTML) - NXP Semiconductors


SA612AN Product details

DESCRIPTION
The NE/SA612A is a low-power VHF monolithic double-balanced mixer with on-board oscillator and voltage regulator. It is intended for low cost, low power communication systems with signal frequencies to 500MHz and local oscillator frequencies as high as 200MHz. The mixer is a “Gilbert cell” multiplier configuration which provides gain of 14dB or more at 45MHz.
The oscillator can be configured for a crystal, a tuned tank operation, or as a buffer for an external L.O. Noise figure at 45MHz is typically below 6dB and makes the device well suited for high performance cordless phone/cellular radio. The low power consumption makes the NE/SA612A excellent for battery operated equipment. Networking and other communications products can benefit from very low radiated energy levels within systems. The NE/SA612A is available in an 8-lead dual in-line plastic package and an 8-lead SO (surface mounted miniature package).

FEATURES
• Low current consumption
• Low cost
• Operation to 500MHz
• Low radiated energy
• Low external parts count; suitable for crystal/ceramic filter
• Excellent sensitivity, gain, and noise figure

APPLICATIONS
• Cordless telephone
• Portable radio
• VHF transceivers
• RF data links
• Sonabuoys
• Communications receivers
• Broadband LANs
• HF and VHF frequency conversion
• Cellular radio mixer/oscillator




Similar Part No. - SA612AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA612AN PHILIPS-SA612AN Datasheet
163Kb / 8P
Double-balanced mixer and oscillator
1990 Sep 17
More results


Similar Description - SA612AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602A PHILIPS-SA602A Datasheet
109Kb / 11P
Double-balanced mixer and oscillator
1997 Nov 07
NE602A PHILIPS-NE602A Datasheet
379Kb / 8P
DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
logo
NTE Electronics
NTE7164 NTE-NTE7164 Datasheet
64Kb / 2P
Double−Balanced Mixer & Oscillator
logo
NXP Semiconductors
NE612A PHILIPS-NE612A_1 Datasheet
163Kb / 8P
Double-balanced mixer and oscillator
1990 Sep 17
SA612A PHILIPS-SA612A_15 Datasheet
1Mb / 19P
Double-balanced mixer and oscillator
Rev. 3-4 June 2014
SA602A PHILIPS-SA602A_15 Datasheet
1Mb / 19P
Double-balanced mixer and oscillator
Rev. 3-27 May 2014
SA602A NXP-SA602A Datasheet
1Mb / 19P
Double-balanced mixer and oscillator
Rev. 3-27 May 2014
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com