Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF4393A2GW Datasheet (PDF) - Solid States Devices, Inc

SFF4393A2GW Datasheet PDF - Solid States Devices, Inc
Part # SFF4393A2GW
Download  SFF4393A2GW Download
File Size   159.32 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description Dual Microminiature Package 50 mA 40 Volts Dual N-Channel JFET Transistor

SFF4393A2GW Datasheet (PDF)

Go To PDF Page Download Datasheet
SFF4393A2GW Datasheet PDF - Solid States Devices, Inc

Part # SFF4393A2GW
Download  SFF4393A2GW Click to download

File Size   159.32 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description Dual Microminiature Package 50 mA 40 Volts Dual N-Channel JFET Transistor

SFF4393A2GW Datasheet (HTML) - Solid States Devices, Inc


SFF4393A2GW Product details

Features:
• Low ON Resistance
• Low Capacitance, < 4 pF
• Fast Switching, ton < 5 ns
• Used for Analog Switches, Choppers, Current
   Limiters, and Sample-and-Hold Applications
• TX, TXV, and S-Level Screening Available.
   Consult Factory.




Similar Part No. - SFF4393A2GW

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF4393A2GW SSDI-SFF4393A2GW Datasheet
78Kb / 2P
Dual Microminiature Package Dual N-Channel JFET Transistor
SFF4393A2GW SSDI-SFF4393A2GW_1 Datasheet
78Kb / 2P
Dual Microminiature Package Dual N-Channel JFET Transistor
More results


Similar Description - SFF4393A2GW

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF7002KA2GW SSDI-SFF7002KA2GW Datasheet
177Kb / 2P
Dual Microminiature Package 300 mA 60 Volts 2 廓 Dual N-Channel Logic Level TrenchFET MOSFET
SFT2222A2 SSDI-SFT2222A2 Datasheet
43Kb / 2P
Dual Microminiature Package 800 mA 75 Volts Dual NPN Transistor
SFT2907A2 SSDI-SFT2907A2 Datasheet
170Kb / 2P
Dual Microminiature Package 600 mA 60 Volts Dual PNP Transistor
SFT22907GW SSDI-SFT22907GW Datasheet
216Kb / 2P
Dual Microminiature Package 600 mA 60 Volts Complimentary NPN & PNP Transistor
SFT3904A2 SSDI-SFT3904A2 Datasheet
184Kb / 3P
Dual Microminiature Package 800 mA 75 Volts Dual NPN Transistor
SFT390604A2 SSDI-SFT390604A2 Datasheet
159Kb / 2P
Dual Microminiature Package 800 mA 75 Volts NPN/PNP Transistor
SFT3906A2 SSDI-SFT3906A2 Datasheet
34Kb / 2P
Dual Microminiature Package 800 mA 75 Volts Dual PNP Transistor
SFT2369A2 SSDI-SFT2369A2 Datasheet
128Kb / 2P
Dual Microminiature Package 100 mA 15 Volts Dual NPN Transistor
SFF4393A2GW SSDI-SFF4393A2GW_1 Datasheet
78Kb / 2P
Dual Microminiature Package Dual N-Channel JFET Transistor
SFT3904A2 SSDI-SFT3904A2_1 Datasheet
130Kb / 2P
Dual Microminiature Package Dual NPN Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com