Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3668 Datasheet (PDF) - EPCOS

B3668 Datasheet PDF - EPCOS
Part # B3668
Download  B3668 Download
File Size   63.39 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-loss Filter 1950 MHz

B3668 Datasheet (PDF)

Go To PDF Page Download Datasheet
B3668 Datasheet PDF - EPCOS

Part # B3668
Download  B3668 Click to download

File Size   63.39 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-loss Filter 1950 MHz

B3668 Datasheet (HTML) - EPCOS




Similar Part No. - B3668

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B366 ETC2-B366 Datasheet
654Kb / 16P
MISCELLANEOUS HARDWARE-ACCESSORIES
logo
EPCOS
B3662 EPCOS-B3662 Datasheet
85Kb / 6P
SAW Components Low-loss Filter 333,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
SAW Components Low-loss Filter 380,00 MHz
B3666 EPCOS-B3666 Datasheet
65Kb / 6P
SAW Components Low-loss Filter 82,20 MHz
B3669 EPCOS-B3669 Datasheet
62Kb / 5P
SAW Components Low-Loss Filter 2140 MHz
More results


Similar Description - B3668

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
SAW Components Low-loss Filter 140,00 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
SAW Components Low-loss Filter 238,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
SAW Components Low-loss Filter 380,00 MHz
B3666 EPCOS-B3666 Datasheet
65Kb / 6P
SAW Components Low-loss Filter 82,20 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
logo
RF Monolithics, Inc
SF2224E RFM-SF2224E Datasheet
940Kb / 5P
1950 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2224E MURATA-SF2224E Datasheet
627Kb / 5P
1950 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1815B TAI-SAW-TA1815B Datasheet
756Kb / 8P
SAW Filter 1950 MHz
TA1981A TAI-SAW-TA1981A Datasheet
645Kb / 7P
SAW Filter 1950 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com