Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF110S.22 Datasheet (PDF) - Solid States Devices, Inc

SFF110S.22 Datasheet PDF - Solid States Devices, Inc
Part # SFF110S.22
Download  SFF110S.22 Download
File Size   34.35 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 3.5 A /100 Volts / 0.6 廓 N-Channel MOSFET Transistor

SFF110S.22 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFF110S.22 Datasheet PDF - Solid States Devices, Inc

Part # SFF110S.22
Download  SFF110S.22 Click to download

File Size   34.35 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 3.5 A /100 Volts / 0.6 廓 N-Channel MOSFET Transistor

SFF110S.22 Datasheet (HTML) - Solid States Devices, Inc


SFF110S.22 Product details

Features:
• Rugged Construction with Polysilcon Gate
• Small Footprint Hermetic Surface Mount Device with
   Excellent Thermal Properties
• Replacement/Enhancement for 2N6782
• TX, TXV, S-Level Screening Available
• Very Fast Switching Characteristics




Similar Part No. - SFF110S.22

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF116N10M SSDI-SFF116N10M Datasheet
118Kb / 2P
Avalanche Rated N-channel MOSFET
SFF116N10Z SSDI-SFF116N10Z Datasheet
118Kb / 2P
Avalanche Rated N-channel MOSFET
SFF11N80 SSDI-SFF11N80 Datasheet
147Kb / 3P
11 AMP / 800 Volts 0.95 廓 N-Channel MOSFET
SFF11N80B SSDI-SFF11N80B Datasheet
202Kb / 2P
11 AMP / 800 Volts 0.95 ohm N-Channel Power MOSFET
SFF11N80N SSDI-SFF11N80N Datasheet
222Kb / 2P
11 AMP / 800 Volts 0.95 ohm N-Channel Power MOSFET
More results


Similar Description - SFF110S.22

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS86101 FAIRCHILD-FDMS86101_12 Datasheet
294Kb / 7P
N-Channel PowerTrench짰 MOSFET 100 V, 60 A, 8 m廓
FDS89141 FAIRCHILD-FDS89141 Datasheet
245Kb / 6P
Dual N-Channel PowerTrench짰 MOSFET 100 V, 3.5 A, 62 m廓
FDMS86104 FAIRCHILD-FDMS86104 Datasheet
257Kb / 7P
N-Channel PowerTrench짰 MOSFET 100 V, 16 A, 24 m廓
FQD19N10LTM FAIRCHILD-FQD19N10LTM Datasheet
1Mb / 8P
N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
logo
Taiwan Semiconductor Co...
TSM60N600 TSC-TSM60N600 Datasheet
1Mb / 9P
600V, 8A, 0.6廓 N-Channel Power MOSFET
TSM10ND60CI TSC-TSM10ND60CI Datasheet
333Kb / 6P
N-Channel Power MOSFET 600V, 10A, 0.6廓
logo
ON Semiconductor
FDB9409-F085 ONSEMI-FDB9409-F085 Datasheet
623Kb / 7P
N-Channel PowerTrench짰 MOSFET40 V, 80 A, 3.5 m廓
August-2017, Rev 2
FDMS86568-F085 ONSEMI-FDMS86568-F085 Datasheet
487Kb / 6P
N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 3.5 m廓
August-2017, Rev 3
NTMFS3D2N10MD ONSEMI-NTMFS3D2N10MD Datasheet
202Kb / 8P
MOSFET ??Power, Single, N-Channel 100 V, 3.5 m, 142 A
June, 2021 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com