Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3686 Datasheet (PDF) - EPCOS

B3686 Datasheet PDF - EPCOS
Part # B3686
Download  B3686 Download
File Size   83.83 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter 337,5 MHz

B3686 Datasheet (PDF)

Go To PDF Page Download Datasheet
B3686 Datasheet PDF - EPCOS

Part # B3686
Download  B3686 Click to download

File Size   83.83 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter 337,5 MHz

B3686 Datasheet (HTML) - EPCOS




Similar Part No. - B3686

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3680 EPCOS-B3680 Datasheet
70Kb / 7P
SAW Components Low-Loss Filter 352,0 MHz
logo
List of Unclassifed Man...
B3680 ETC1-B3680 Datasheet
2Mb / 15P
The temperature was measured using the FG-100 thermometer.
logo
EPCOS
B3681 EPCOS-B3681 Datasheet
57Kb / 6P
SAW Components Low-Loss Filter 422,5 MHz
B3682 EPCOS-B3682 Datasheet
58Kb / 6P
SAW Components Low-Loss Filter 427,5 MHz
B3683 EPCOS-B3683 Datasheet
58Kb / 6P
SAW Components Low-Loss Filter 382,5 MHz
More results


Similar Description - B3686

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
SAW Components Low-loss Filter 140,00 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
SAW Components Low-loss Filter 238,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
SAW Components Low-loss Filter 380,00 MHz
B3666 EPCOS-B3666 Datasheet
65Kb / 6P
SAW Components Low-loss Filter 82,20 MHz
B3671 EPCOS-B3671 Datasheet
67Kb / 6P
SAW Components Low-Loss Filter 204,0 MHz
B3683 EPCOS-B3683 Datasheet
58Kb / 6P
SAW Components Low-Loss Filter 382,5 MHz
B3688 EPCOS-B3688 Datasheet
72Kb / 5P
SAW Components Low-Loss Filter 499,25 MHz
B3760 EPCOS-B3760 Datasheet
81Kb / 6P
SAW Components Low-loss Filter 433,92 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com