Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3705 Datasheet (PDF) - EPCOS

B3705 Datasheet PDF - EPCOS
Part # B3705
Download  B3705 Download
File Size   62.96 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter 915,00 MHz

B3705 Datasheet (PDF)

Go To PDF Page Download Datasheet
B3705 Datasheet PDF - EPCOS

Part # B3705
Download  B3705 Click to download

File Size   62.96 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter 915,00 MHz

B3705 Datasheet (HTML) - EPCOS


B3705 Product details

Features

■RF low-loss filter for wireless audio application

■Package for Surface Mounted Technology(SMT)

■Hermetically sealed ceramic package

■No Matching network required for operation at 50Ω



Terminals

■Ni, gold plated




Similar Part No. - B3705

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B370 DIODES-B370 Datasheet
45Kb / 2P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. C-2
logo
Weitron Technology
B370 WEITRON-B370 Datasheet
219Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B370 WEITRON-B370 Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B370 DIODES-B370 Datasheet
217Kb / 3P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 8 - 2
B370 DIODES-B370 Datasheet
98Kb / 4P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 13 - 2
More results


Similar Description - B3705

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
SAW Components Low-loss Filter 140,00 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
SAW Components Low-loss Filter 238,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
SAW Components Low-loss Filter 380,00 MHz
B3666 EPCOS-B3666 Datasheet
65Kb / 6P
SAW Components Low-loss Filter 82,20 MHz
B3671 EPCOS-B3671 Datasheet
67Kb / 6P
SAW Components Low-Loss Filter 204,0 MHz
B3683 EPCOS-B3683 Datasheet
58Kb / 6P
SAW Components Low-Loss Filter 382,5 MHz
B3688 EPCOS-B3688 Datasheet
72Kb / 5P
SAW Components Low-Loss Filter 499,25 MHz
B3760 EPCOS-B3760 Datasheet
81Kb / 6P
SAW Components Low-loss Filter 433,92 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com