Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPA548-01 Datasheet (PDF) - Solid States Devices, Inc

SPA548-01 Datasheet PDF - Solid States Devices, Inc
Part # SPA548-01
Download  SPA548-01 Download
File Size   48.14 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description HIGH VOLTAGE DIODE BRIDGE ASSEMBLY 5.5 kV / 2A

SPA548-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPA548-01 Datasheet PDF - Solid States Devices, Inc

Part # SPA548-01
Download  SPA548-01 Click to download

File Size   48.14 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description HIGH VOLTAGE DIODE BRIDGE ASSEMBLY 5.5 kV / 2A

SPA548-01 Datasheet (HTML) - Solid States Devices, Inc


SPA548-01 Product details

FEATURES:
• 100kHz Operation
• Airborne Application up to 50,000 ft
• High Efficiency
• Low EMI / Corona Discharge
• Thermally Conductive Aluminum Base Plate
• Helicoil Mounting Inserts
• ESS Screening Available. Consult Factory.
• Exterior Surfaces Sandblasted to Promote Adhesion of
   Encapsulation in Subsequent Assembly




Similar Part No. - SPA548-01

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPA547-01 SSDI-SPA547-01 Datasheet
44Kb / 2P
HYPERFAST HIGH VOLTAGE DIODE BRIDGE ASSEMBLY 10.5 kV / 1.5A
More results


Similar Description - SPA548-01

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S2VB20 SHINDENGEN-S2VB20 Datasheet
259Kb / 5P
Bridge Diode(200V 2A)
S2VB60 SHINDENGEN-S2VB60 Datasheet
259Kb / 5P
Bridge Diode(600V 2A)
logo
Solid States Devices, I...
SPA547-01 SSDI-SPA547-01 Datasheet
44Kb / 2P
HYPERFAST HIGH VOLTAGE DIODE BRIDGE ASSEMBLY 10.5 kV / 1.5A
PM0021 SSDI-PM0021 Datasheet
45Kb / 2P
DIODE BRIDGE ASSEMBLY
PM0022 SSDI-PM0022 Datasheet
48Kb / 2P
DIODE BRIDGE ASSEMBLY
PM0021 SSDI-PM0021_15 Datasheet
45Kb / 2P
DIODE BRIDGE ASSEMBLY
PM0022 SSDI-PM0022_15 Datasheet
48Kb / 2P
DIODE BRIDGE ASSEMBLY
logo
GETAI ELECTRONICS DEVIC...
HBG010D360D GETEDZ-HBG010D360D Datasheet
527Kb / 2P
Half Bridge High Voltage Rectifier Assembly
HBG020D101D GETEDZ-HBG020D101D Datasheet
530Kb / 2P
Half Bridge High Voltage Rectifier Assembly
HBG060D120D GETEDZ-HBG060D120D Datasheet
528Kb / 2P
Half Bridge High Voltage Rectifier Assembly
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com