Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA631 Datasheet (PDF) - NXP Semiconductors

SA631 Datasheet PDF - NXP Semiconductors
Part # SA631
Download  SA631 Download
File Size   103.55 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 1GHz low voltage LNA and mixer

SA631 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA631 Datasheet PDF - NXP Semiconductors

Part # SA631
Download  SA631 Click to download

File Size   103.55 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 1GHz low voltage LNA and mixer

SA631 Datasheet (HTML) - NXP Semiconductors


SA631 Product details

DESCRIPTION
The SA631 is a combined low-noise BiCMOS amplifier, and mixer designed for high-performance low-power communication systems from 800-1000MHz. The low-noise preamplifier has a 1.7dB noise figure at 881MHz with 15dB gain and an IP3 intercept of –7dBm at the input. The gain is stabilized by on-chip compensation to vary less than ±0.2dB over –40 to +85°C temperature range. The wide-dynamic-range mixer has a 10dB noise figure and IP3 of +3.3dBm at the input at 881MHz. The nominal current drawn from a single 3V supply is 8.3mA. Additionally, the entire circuit can be powered down to further reduce the supply current to less than 20µA.

FEATURES
• Low current consumption
• Outstanding gain and noise figure
• Excellent gain stability versus temperature and supply voltage
• LNA and mixer power down capability
• Designed in Philips state of the art BiCMOS QUBIC process

APPLICATIONS
• 900MHz cellular and cordless front-end
• Spread spectrum receivers
• RF data links
• UHF frequency conversion
• Portable radio




Similar Part No. - SA631

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA630 PHILIPS-SA630 Datasheet
282Kb / 14P
Single pole double throw SPDT switch
1997 Nov 07
SA630 NXP-SA630 Datasheet
545Kb / 20P
Single-Pole Double-Throw (SPDT) switch
Rev. 3-23 July 2014
SA630D PHILIPS-SA630D Datasheet
282Kb / 14P
Single pole double throw SPDT switch
1997 Nov 07
SA630D NXP-SA630D Datasheet
545Kb / 20P
Single-Pole Double-Throw (SPDT) switch
Rev. 3-23 July 2014
SA630D01 NXP-SA630D01 Datasheet
545Kb / 20P
Single-Pole Double-Throw (SPDT) switch
Rev. 3-23 July 2014
More results


Similar Description - SA631

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA601 PHILIPS-SA601 Datasheet
182Kb / 11P
Low voltage LNA and mixer - 1GHz
December 15, 1994
SA611 PHILIPS-SA611 Datasheet
106Kb / 16P
1GHz low voltage LNA and mixer
1999 Mar 26
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
logo
RF Micro Devices
RF2418 RFMD-RF2418 Datasheet
114Kb / 10P
LOW CURRENT LNA/MIXER
logo
NXP Semiconductors
SA600 PHILIPS-SA600 Datasheet
283Kb / 17P
1GHz LNA and mixer
1993 Dec 15
logo
Freescale Semiconductor...
MC13770 FREESCALE-MC13770 Datasheet
390Kb / 8P
Single Band LNA and Mixer FEIC
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
logo
RF Micro Devices
RF2418 RFMD-RF2418_06 Datasheet
136Kb / 10P
LOW CURRENT LNA/MIXER
RF2418 RFMD-RF2418_1 Datasheet
282Kb / 12P
LOW CURRENT LNA/MIXER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com