Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8801DJ2.85 Datasheet (PDF) - Monolithic Power Systems

MP8801DJ2.85 Datasheet PDF - Monolithic Power Systems
Part # MP8801DJ2.85
Download  MP8801DJ2.85 Download
File Size   185.74 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Low Dropout 150mA Linear Regulator

MP8801DJ2.85 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP8801DJ2.85 Datasheet PDF - Monolithic Power Systems

Part # MP8801DJ2.85
Download  MP8801DJ2.85 Click to download

File Size   185.74 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Low Dropout 150mA Linear Regulator

MP8801DJ2.85 Datasheet (HTML) - Monolithic Power Systems


MP8801DJ2.85 Product details

DESCRIPTION
The MP8801 is a low-noise, low-dropout linear regulator. It operates from a 2.7V to 6.5V input voltage and regulates the output voltage with 2% accuracy at 2.5V, 2.85V or 3.3V. The internally set output voltage may be overridden with an external resistor divider from 1.25V to 5V.

FEATURES
• Low 100mV Dropout at 100mA Output
• 2% Accurate Output Voltage
• Fixed Output Voltage Options of 2.5V, 2.85V or 3.3V
• Adjustable Output Voltage from 1.25V to 5V using an External Resistor Divider
• Up to 6.5V Input Voltage
• High PSRR
    o 70dB at 1KHz
    o 30dB at 1MHz
• Better Than 0.001%/mA Load Regulation
• Stable With Low-ESR Output Capacitor
• Low 125µA Ground Current
• Internal Thermal Protection

APPLICATIONS
• 802.11 PC Cards
• Mobile Handset PLL Power
• Audio Codec Power




Similar Part No. - MP8801DJ2.85

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8801DJ-2.5 MPS-MP8801DJ-2.5 Datasheet
287Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801DJ-2.5 MPS-MP8801DJ-2.5 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801DJ-2.5 MPS-MP8801DJ-2.5 Datasheet
490Kb / 12P
6.5V, 150mA, Low-Noise, Low-Dropout Linear Regulator
7/19/2021 Rev. 2.0
MP8801DJ-2.5-LF-Z MPS-MP8801DJ-2.5-LF-Z Datasheet
490Kb / 12P
6.5V, 150mA, Low-Noise, Low-Dropout Linear Regulator
7/19/2021 Rev. 2.0
MP8801DJ-2.5-Z MPS-MP8801DJ-2.5-Z Datasheet
490Kb / 12P
6.5V, 150mA, Low-Noise, Low-Dropout Linear Regulator
7/19/2021 Rev. 2.0
More results


Similar Description - MP8801DJ2.85

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
Low Noise Low Dropout, 150mA Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
150mA Low-Noise Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
Rev 13.2.2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com