Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV0034 Datasheet (PDF) - Monolithic Power Systems

EV0034 Datasheet PDF - Monolithic Power Systems
Part # EV0034
Download  EV0034 Download
File Size   272.81 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 1.3MHz Step-Up Converter

EV0034 Datasheet (PDF)

Go To PDF Page Download Datasheet
EV0034 Datasheet PDF - Monolithic Power Systems

Part # EV0034
Download  EV0034 Click to download

File Size   272.81 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 1.3MHz Step-Up Converter

EV0034 Datasheet (HTML) - Monolithic Power Systems


EV0034 Product details

General Description

The MP1527 is a 2A, fixed frequency step-up converter in a tiny 16 lead QFN package. The high 1.3MHz switching frequency allows for smaller external components producing a compact solution for medium-to-high current step-up, flyback, and SEPIC applications.



Features

2A Peak Current Limit

Internal 150mΩPower Switch

VINRange of 2.6V to 25V

>93% Efficiency

Zero Current Shutdown Mode

Under Voltage Lockout Protection

Timer-Latch Fault Detection

Soft Start Operation

Thermal Shutdown

Tiny 4mm x 4mm 16 pin QFN Package

Evaluation Board Available



Applications

SOHO Routers, PCMCIA Cards, Mini PCI

Handheld Computers, PDAs

Cell Phones, Digital and Video Cameras

Small LCD Display




Similar Part No. - EV0034

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0034 MPS-EV0034 Datasheet
178Kb / 4P
2A, 1.3MHz Step-Up Converter
More results


Similar Description - EV0034

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Linear Technology
LT3460 LINER-LT3460 Datasheet
211Kb / 12P
1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
logo
Monolithic Power System...
EV0034 MPS-EV0034 Datasheet
178Kb / 4P
2A, 1.3MHz Step-Up Converter
logo
National Semiconductor ...
LM2622 NSC-LM2622_04 Datasheet
460Kb / 16P
600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Monolithic Power System...
MP3216 MPS-MP3216 Datasheet
421Kb / 10P
36V, 1.3MHz, 0.75A Step-up Converter With Output Disconnect
logo
Texas Instruments
LM2622 TI-LM2622_15 Datasheet
1Mb / 27P
LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
List of Unclassifed Man...
MT3608 ETC1-MT3608 Datasheet
603Kb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
logo
SHOUDING Shouding Semic...
SB6284 SHOUDING-SB6284 Datasheet
2Mb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
logo
Shenzhen Huazhimei Semi...
HM1548B HMSEMI-HM1548B Datasheet
1Mb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
logo
AiT Semiconductor Inc.
A7122A AITSEMI-A7122A Datasheet
712Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 5.5V 2A 1.3MHz SYNCHRONOUS
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com