Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1542 Datasheet (PDF) - Monolithic Power Systems

MP1542 Datasheet PDF - Monolithic Power Systems
Part # MP1542
Download  MP1542 Download
File Size   485.08 Kbytes
Page   10 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 700KHz/1.3MHz Boost Converter with a 2A Switch

MP1542 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1542 Datasheet PDF - Monolithic Power Systems

Part # MP1542
Download  MP1542 Click to download

File Size   485.08 Kbytes
Page   10 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 700KHz/1.3MHz Boost Converter with a 2A Switch

MP1542 Datasheet (HTML) - Monolithic Power Systems


MP1542 Product details

DESCRIPTION
The MP1542 is a current mode step up converter with a 2A, 0.18Ω internal switch to provide a highly efficient regulator with fast response. The MP1542 can be operated at 700KHz or 1.3MHz allowing for easy filtering and low noise. An external compensation pin gives the user flexibility in setting loop dynamics, which allows the use of small, lowESR ceramic output capacitors. Soft-start results in small inrush current and can be programmed with an external capacitor. The MP1542 operates from an input voltage as low as 2.5V and can generate 12V at up to 500mA from a 5V supply.

FEATURES
• 2A, 0.18Ω, 25V Power MOSFET
• Uses Tiny Capacitors and Inductors
• Pin Selectable 700KHz or 1.3MHz Fixed Switching Frequency
• Programmable Soft-Start
• Operates with Input Voltage as Low as 2.5V and Output Voltage as High as 22V
• 12V at 500mA from 5V Input
• UVLO, Thermal Shutdown
• Internal Current Limit
• Available in 8-Pin MSOP Packages

APPLICATIONS
• LCD Displays
• Portable Applications
• Handheld Computers and PDAs
• Digital Still and Video Cameras




Similar Part No. - MP1542

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1542 MPS-MP1542 Datasheet
460Kb / 10P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP1542DK MPS-MP1542DK Datasheet
197Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP1542DK MPS-MP1542DK Datasheet
175Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP1542DK MPS-MP1542DK Datasheet
221Kb / 5P
MP1542 TFT Applications Evaluation Board
MP1542DK MPS-MP1542DK Datasheet
460Kb / 10P
700KHz/1.3MHz Boost Converter with a 2A Switch
More results


Similar Description - MP1542

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
logo
Monolithic Power System...
EV1542DK-00A MPS-EV1542DK-00A Datasheet
197Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-SEPIC-00A MPS-EV1542DK-SEPIC-00A Datasheet
175Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
EV3213DH-00A MPS-EV3213DH-00A Datasheet
184Kb / 4P
700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
MP1541 MPS-MP1541 Datasheet
246Kb / 8P
1.3MHz Boost Converter
MP1542 MPS-MP1542_06 Datasheet
460Kb / 10P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP3213 MPS-MP3213 Datasheet
458Kb / 10P
700KHz/1.3MHz Boost Converter with a 3.5A Switch
MP1541 MPS-MP1541_06 Datasheet
317Kb / 8P
1.3MHz Boost Converter
MPQ1542 MPS-MPQ1542 Datasheet
917Kb / 15P
700KHz/1.3MHz Boost Converter with a 2A Switch
EV3213DH-00B MPS-EV3213DH-00B Datasheet
350Kb / 8P
700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com